Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 11Page - STMicroelectronics TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics TS4909 Datasheet HTML 17Page - STMicroelectronics TS4909 Datasheet HTML 18Page - STMicroelectronics TS4909 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TS4909
Electrical characteristics
Doc ID 11972 Rev 9
15/35
Figure 32. Output power vs. power supply
voltage, PHG, RL = 16 Ω, F = 1 kHz
Figure 33. Output power vs. power supply
voltage, PHG, RL = 32 Ω, F = 1 kHz
23
4
5
6
0
40
80
12 0
16 0
20 0
24 0
TH D + N = 1%
P h a n to m G rou nd
RL = 1 6
Ω, F=1kHz
Av =-1, T
AM B
=25 ° C
B W = 2 0H z -12 0k H z
Power Supply Voltage (V)
TH D + N = 1 0 %
23
45
6
0
20
40
60
80
10 0
12 0
14 0
THD+ N= 1 %
P h antom G rou nd
RL = 3 2
Ω, F=1kHz
Av=-1 , T
AM B
=2 5 ° C
B W =20H z-12 0kH z
Power Supply Voltage (V)
TH D + N = 1 0 %
Figure 34. Output power vs. power supply
voltage, SE, RL = 16 Ω, F = 1 kHz
Figure 35. Output power vs. power supply
voltage, SE, RL = 32 Ω, F = 1 kHz
23
4
5
6
0
40
80
12 0
16 0
20 0
24 0
TH D + N = 1%
Sin g le En d e d
RL = 1 6
Ω, F=1kHz
Av= -1 , T
AM B
=2 5 ° C
B W =20H z-12 0kH z
Power Supply Voltage (V)
TH D + N = 1 0 %
23
45
6
0
20
40
60
80
10 0
12 0
14 0
THD+ N= 1 %
Sin g le En d e d
RL = 3 2
Ω, F=1kHz
Av=-1 , T
AM B
=2 5 ° C
B W =20H z-12 0kH z
Power Supply Voltage (V)
TH D + N = 1 0 %
Figure 36. Output power vs. load resistance,
PHG, Vcc = 2.6 V
Figure 37. Output power vs. load resistance,
SE, Vcc = 2.6 V
1 6
32
48
64
80
9 6
0
10
20
30
40
50
TH D + N = 1 0 %
P h a n to m G roun d
V cc= 2 .6V, F= 1kH z
Av=-1 , T
AM B
=2 5 ° C
B W = 2 0H z-12 0kH z
Load Resistance (Ω)
T HD+ N= 1 %
16
32
4 8
64
80
9 6
0
10
20
30
40
50
T HD+ N = 1 0 %
Single Ende d
Vcc=2.6V, F = 1kH z
Av= -1, T
AM B
=25 ° C
B W = 2 0H z-1 2 0 kH z
Load Resistance (Ω)
T HD+ N= 1 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com