Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 17Page - STMicroelectronics TS4909 Datasheet HTML 18Page - STMicroelectronics TS4909 Datasheet HTML 19Page - STMicroelectronics TS4909 Datasheet HTML 20Page - STMicroelectronics TS4909 Datasheet HTML 21Page - STMicroelectronics TS4909 Datasheet HTML 22Page - STMicroelectronics TS4909 Datasheet HTML 23Page - STMicroelectronics TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TS4909
Electrical characteristics
Doc ID 11972 Rev 9
21/35
Figure 68. Current consumption vs. power
supply voltage, PHG
Figure 69. Current consumption vs. power
supply voltage, SE
23
45
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
AM B
= 85°C
T
AM B
=2 5°C
Ph an to m gro u n d
N o Lo ads
T
AM B
= -40°C
Power Supply Voltage (V)
23
45
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
AM B
= 85°C
T
AM B
= 25°C
S ingle ended
N o Lo ads
T
AM B
= -40°C
Power Supply Voltage (V)
Figure 70. Current consumption vs. standby
voltage, Vcc = 2.6 V, PHG
Figure 71. Current consumption vs. standby
voltage, Vcc = 2.6 V, SE
0.0
0 .5
1.0
1 .5
2.0
2 .5
0
1
2
3
4
T
AM B
= -40°C
T
AM B
=25 °C
T
AM B
= 85°C
P han to m groun d
V
CC
=2 .6 V
Standby Voltage (V)
0.0
0 .5
1.0
1 .5
2.0
2 .5
0.0
0.5
1.0
1.5
2.0
2.5
T
AM B
= -40°C
T
AM B
= 25°C
T
AM B
= 85°C
S ingle ended
V
CC
=2 .6 V
Standby Voltage (V)
Figure 72. Current consumption vs. standby
voltage, Vcc = 3 V, PHG
Figure 73. Current consumption vs. standby
voltage, Vcc = 3 V, SE
0.0
0 .5
1.0
1 .5
2.0
2 .5
3.0
0
1
2
3
4
T
AM B
=-4 0 °C
T
AM B
= 25°C
T
AM B
= 85°C
P hantom ground
V
CC
=3 V
Standby Voltage (V)
0.0
0 .5
1.0
1 .5
2.0
2 .5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
T
AM B
= -40°C
T
AM B
=2 5°C
T
AM B
=8 5°C
S ingle ende d
V
CC
=3 V
Standby Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com