Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics TS4909 Datasheet HTML 10Page - STMicroelectronics TS4909 Datasheet HTML 11Page - STMicroelectronics TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical characteristics
TS4909
12/35
Doc ID 11972 Rev 9
Figure 14. THD+N vs. output power, SE,
F = 1 kHz, RL = 32 Ω, Av = 1
Figure 15. THD+N vs. output power, SE,
F = 20 kHz, RL = 32 Ω, Av = 1
1E -3
0.01
0.1
1E -3
0.01
0.1
1
10
Vcc = 3 V
V cc= 2.6V
S ingle E nded
F = 1 kHz , RL = 3 2
Ω
Av =-1 , Ta m b =2 5°C
B W = 20H z-12 0kH z
Output Power (mW)
Vc c= 5 V
0.2
1E -3
0.01
0.1
0.01
0.1
1
10
V cc= 3V
V c c= 2.6V
S ingle E nded
F = 20kH z, R L = 3 2
Ω
A v= -1, T a m b = 25°C
B W = 20H z-120kH z
Output Power (mW)
Vc c= 5 V
0.2
Figure 16. THD+N vs. output power, PHG,
F = 1 kHz, RL = 16 Ω, Av = 4
Figure 17. THD+N vs. output power, PHG,
F = 20 kHz, RL = 16 Ω, Av = 4
1E -3
0.01
0.1
1E -3
0.01
0.1
1
10
Vc c= 3 V
V cc= 2.6V
P han to m G round
F = 1 kHz , RL = 1 6
Ω
Av =-4 , Ta m b =2 5°C
B W = 20H z-12 0kH z
Output Power (mW)
Vc c= 5 V
0.2
1E -3
0.01
0.1
0.01
0.1
1
10
Vc c= 3 V
V cc= 2.6V
P hantom G round
F = 20kH z, R L = 1 6
Ω
A v= -4, T a m b = 25°C
B W = 20H z-120kH z
Output Power (mW)
Vc c= 5 V
0.2
Figure 18. THD+N vs. output power, PHG,
F = 1 kHz, RL = 32 Ω, Av = 4
Figure 19. THD+N vs. output power, PHG,
F = 20 kHz, RL = 32 Ω, Av = 4
1E -3
0.01
0.1
1E -3
0.01
0.1
1
10
Vcc = 3 V
V cc= 2.6V
P han to m G round
F = 1 kHz , RL = 3 2
Ω
Av =-4 , Ta m b =2 5°C
B W = 20H z-12 0kH z
Output Power (mW)
V cc= 5 V
0.2
1E -3
0.01
0.1
0.01
0.1
1
10
Vc c= 3 V
V cc= 2.6V
P hantom G round
F = 20kH z, R L = 3 2
Ω
A v= -4, T a m b = 25°C
B W = 20H z-120kH z
Output Power (mW)
Vc c= 5 V
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com