Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TS4909
List of figures
Doc ID 11972 Rev 9
3/35
List of figures
Figure 1.
Typical applications for the TS4909 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Open-loop frequency response, R
L
= 1 M
Ω. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Figure 3.
Open-loop frequency response, R
L
= 100
Ω, C
L
= 400 pF . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Open-loop frequency response, R
L
= 1 M
Ω, C
L
= 100 pF . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Open-loop frequency response, R
L
= 16
Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Figure 6.
Open-loop frequency response, R
L
= 16
Ω, C
L
= 400 pF . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Output swing vs. power supply voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
THD+N vs. output power, PHG, F = 1 kHz, R
L
= 16
Ω, Av = 1. . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
THD+N vs. output power, PHG, F = 20 kHz, R
L
= 16
Ω, Av = 1. . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
THD+N vs. output power, PHG, F = 1 kHz, R
L
= 32
Ω, Av = 1. . . . . . . . . . . . . . . . . . . . . . 10
Figure 11.
THD+N vs. output power, PHG, F = 20 kHz, R
L
= 32
Ω, Av = 1. . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
THD+N vs. output power, SE, F = 1 kHz, R
L
= 16
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 13.
THD+N vs. output power, SE, F = 20 kHz, R
L
= 16
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . 10
Figure 14.
THD+N vs. output power, SE, F = 1 kHz, R
L
= 32
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 15.
THD+N vs. output power, SE, F = 20 kHz, R
L
= 32
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . 11
Figure 16.
THD+N vs. output power, PHG, F = 1 kHz, R
L
= 16
Ω, Av = 4. . . . . . . . . . . . . . . . . . . . . . 11
Figure 17.
THD+N vs. output power, PHG, F = 20 kHz, R
L
= 16
Ω, Av = 4. . . . . . . . . . . . . . . . . . . . . 11
Figure 18.
THD+N vs. output power, PHG, F = 1 kHz, R
L
= 32
Ω, Av = 4. . . . . . . . . . . . . . . . . . . . . . 11
Figure 19.
THD+N vs. output power, PHG, F = 20 kHz, R
L
= 32
Ω, Av = 4. . . . . . . . . . . . . . . . . . . . . 11
Figure 20.
THD+N vs. output power, SE, F = 1 kHz, R
L
= 16
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 21.
THD+N vs. output power, SE, F = 20 kHz, R
L
= 16
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . 12
Figure 22.
THD+N vs. output power, SE, F = 1 kHz, R
L
= 32
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 23.
THD+N vs. output power, SE, F = 20 kHz, R
L
= 32
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . 12
Figure 24.
THD+N vs. frequency, PHG, R
L
= 16
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 25.
THD+N vs. frequency, PHG, R
L
= 32
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 26.
THD+N vs. frequency, SE, R
L
= 16
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 27.
THD+N vs. frequency, SE, R
L
= 32
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 28.
THD+N vs. frequency, PHG, R
L
= 16
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 29.
THD+N vs. frequency, PHG, R
L
= 32
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 30.
THD+N vs. frequency, SE, R
L
= 16
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 31.
THD+N vs. frequency, SE, R
L
= 32
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 32.
Output power vs. power supply voltage, PHG, R
L
= 16
Ω, F = 1 kHz. . . . . . . . . . . . . . . . . 14
Figure 33.
Output power vs. power supply voltage, PHG, R
L
= 32
Ω, F = 1 kHz. . . . . . . . . . . . . . . . . 14
Figure 34.
Output power vs. power supply voltage, SE, R
L
= 16
Ω, F = 1 kHz . . . . . . . . . . . . . . . . . . 14
Figure 35.
Output power vs. power supply voltage, SE, R
L
= 32
Ω, F = 1 kHz . . . . . . . . . . . . . . . . . . 14
Figure 36.
Output power vs. load resistance, PHG, Vcc = 2.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 37.
Output power vs. load resistance, SE, Vcc = 2.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 38.
Output power vs. load resistance, PHG, Vcc = 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 39.
Output power vs. load resistance, SE, Vcc = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 40.
Output power vs. load resistance, PHG, Vcc = 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 41.
Output power vs. load resistance, SE, Vcc = 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 42.
Power dissipation vs. output power, PHG, Vcc = 2.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 43.
Power dissipation vs. output power, SE, Vcc = 2.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 44.
Power dissipation vs. output power, PHG, Vcc = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 45.
Power dissipation vs. output power, SE, Vcc = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 46.
Power dissipation vs. output power, PHG, Vcc = 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 47.
Power dissipation vs. output power, SE, Vcc = 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 48.
Crosstalk vs. frequency, SE, Vcc = 5 V, R
L
= 16
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com