Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
List of figures
TS4909
4/35
Doc ID 11972 Rev 9
Figure 49.
Crosstalk vs. frequency, SE, Vcc = 5 V, R
L
= 32
Ω, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 50.
Crosstalk vs. frequency, SE, Vcc = 5 V, R
L
= 16
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 51.
Crosstalk vs. frequency, SE, Vcc = 5 V, R
L
= 32
Ω, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 52.
Crosstalk vs. frequency, PHG, Vcc = 5 V, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 53.
Crosstalk vs. frequency, PHG, Vcc = 5 V, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 54.
SNR vs. power supply voltage, PHG, unweighted, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 55.
SNR vs. power supply voltage, SE, unweighted, Av = 1
. . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 56.
SNR vs. power supply voltage, PHG, A-weighted, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 57.
SNR vs. power supply voltage, SE, A-weighted, Av = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 58.
SNR vs. power supply voltage, PHG, unweighted, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 59.
SNR vs. power supply voltage, SE, unweighted, Av = 4
. . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 60.
SNR vs. power supply voltage, PHG, A-weighted, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 61.
SNR vs. power supply voltage, SE, A-weighted, Av = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 62.
Power supply rejection ratio vs. frequency vs. Vcc, PHG . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 63.
Power supply rejection ratio vs. frequency vs. Vcc, SE . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 64.
Power supply rejection ratio vs. frequency vs. gain, PHG . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 65.
Power supply rejection ratio vs. frequency vs. gain, SE . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 66.
PSRR vs. frequency vs. bypass capacitor, PHG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 67.
PSRR vs. frequency vs. bypass capacitor, SE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 68.
Current consumption vs. power supply voltage, PHG
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 69.
Current consumption vs. power supply voltage, SE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 70.
Current consumption vs. standby voltage, Vcc = 2.6 V, PHG
. . . . . . . . . . . . . . . . . . . . . . 20
Figure 71.
Current consumption vs. standby voltage, Vcc = 2.6 V, SE . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 72.
Current consumption vs. standby voltage, Vcc = 3 V, PHG . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 73.
Current consumption vs. standby voltage, Vcc = 3 V, SE
. . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 74.
Current consumption vs. standby voltage, Vcc = 5 V, PHG . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 75.
Current consumption vs. standby voltage, Vcc = 5 V, SE
. . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 76.
Power derating curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 77.
Higher cut-off frequency vs. feedback capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 78.
Lower cut-off frequency vs. input capacitor
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 79.
Lower cut-off frequency vs. output capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 80.
Current delivered by power supply voltage in single-ended configuration . . . . . . . . . . . . . 24
Figure 81.
Current delivered by power supply voltage in phantom ground configuration . . . . . . . . . . 25
Figure 82.
Typical wake-up time vs. bypass capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 83.
Internal equivalent circuit schematics of the TS4909 in standby mode . . . . . . . . . . . . . . . 28
Figure 84.
TS4909 footprint recommendation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 85.
DFN10 3 x 3 pitch 0.5 mm exposed pad package mechanical drawing . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com