Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 22Page - STMicroelectronics TS4909 Datasheet HTML 23Page - STMicroelectronics TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics TS4909 Datasheet HTML 28Page - STMicroelectronics TS4909 Datasheet HTML 29Page - STMicroelectronics TS4909 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Application information
TS4909
26/35
Doc ID 11972 Rev 9
and its value is:
Note:
This maximum value depends only on the power supply voltage and load values.
The
efficiency is the ratio between the output power and the power supply.
The
maximum theoretical value is reached when V
PEAK
= V
CC
/2, so:
4.4.2
Phantom ground configuration
The average current delivered by the power supply voltage is:
Figure 81. Current delivered by power supply voltage in phantom ground
configuration
The power delivered by the power supply voltage is:
Therefore, the power dissipation by each amplifier is:
and the maximum value is obtained when:
and its value is:
Note:
This maximum value depends only on the power supply voltage and load values.
P
diss
MA X
V
CC
2
π2R
L
------------- W
()
=
η
P
OUT
P
supp ly
-------------------
πV
P EAK
2V
CC
---------------------
==
η
π
4
---
78.5 %
==
Ic c
AV G
1
π
---
V
P EAK
R
L
-----------------
t
()
sin
t
d
0
π
2V
P EAK
πR
L
--------------------- A
()
==
Icc (t)
Time
T/2
T
Vpeak/R
L
Icc
AVG
03T/2
2T
P
supp ly
V
CC
I
CC
AVG
W
()
=
P
di ss
22 V
CC
π R
L
---------------------- P
OUT
P
OUT
W
()
–
=
P
OUT
∂
∂P
diss
0
=
P
di ss
MAX
2V
CC
2
π2R
L
--------------- W
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com