Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 17Page - Texas Instruments DAC80504 Datasheet HTML 18Page - Texas Instruments DAC80504 Datasheet HTML 19Page - Texas Instruments DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
REF
OUT
n
V
CODE
V
GAIN
DIV
2
u
u
R-2R
DAC Output
DAC
Buffer
Register
LDAC Trigger
(synchronous mode)
DAC
Active
Register
Serial Interface
DAC Data Register
WRITE
READ
(asynchronous mode)
VOUT
Gain
(×1 or ×2)
GND
2.5-V
Reference
REF
REF Divider
(÷1 or ÷2)
DIV
GAIN
Copyright © 2017, Texas Instruments Incorporated
21
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Digital-to-Analog Converter (DAC)
Each output channel in the DACx0504 consists of an R-2R ladder architecture followed by an output buffer
amplifier. Figure 57 shows a block diagram of the DAC architecture.
Figure 57. DACx0504 DAC Block Diagram
8.3.1.1 DAC Transfer Function
The input data are written to the individual DAC data registers in straight binary format. After a power-on or a
reset event, all DAC registers are set to either zero code or midscale code, as determined by the RSTSEL pin.
The DAC transfer function is given by Equation 1.
where
•
CODE = decimal equivalent of the binary code that is loaded to the DAC register. CODE ranges from 0 to 2
n –
1.
•
VREF = DAC reference voltage. Either VREFOUT from the internal 2.5 V reference or VREFIN if using an external
one.
•
n = resolution in bits. Either 16 (DAC80504), 14 (DAC70504), or 12 (DAC60504).
•
DIV = 1 or 2 as set by the REFDIV pin after a reset event or by the REF-DIV bit in the GAIN register.
•
GAIN = 1 or 2 as set by the GAIN pin after a reset event or by the BUFF-GAIN bit for that DAC channel in the
GAIN register.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com