Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 24 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
No Power-On Reset
Power-On Reset
1.20
Undefined
0.00
2.20
2.70
5.50
VDD (V)
Specified Supply
Voltage Range
No Power-On Reset
Power-On Reset
1.50
Undefined
0.00
0.70
1.70
5.50
VIO (V)
Specified Supply
Voltage Range
24
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.3.3 Device Reset Options
8.3.3.1 Power-on-Reset (POR)
The DACx0504 includes a power-on reset function that controls the output voltage at power up. After the VDD
and VIO supplies have been established a POR event is issued. The POR causes all registers to initialize to their
default values and communication with the device is valid only after a 250 µs power-on-reset delay. The default
value for all DACs is either zero-code or midscale-code as determined by the RSTSEL pin. Each DAC channel
remains at the power-up voltage until a valid command is written to it.
The POR circuit requires specific supply levels to discharge the internal capacitors and to reset the device on
power up, as indicated in Figure 59 and Figure 60. In order to initiate a POR event, VDD or VIO must be below
their corresponding low thresholds for at least 100 µs. If VDD and VIO remain above their specified high threshold
a POR event will not occur. When the supplies drop below their high threshold but remain over the lower one
(shown as the undefined region), the device may or may not reset under all specified temperature and power-
supply conditions.
Figure 59. Threshold Levels for VDD POR Circuit
Figure 60. Threshold Levels for VIO POR Circuit
8.3.3.2 Software Reset
A device software reset event is initiated by writing the reserved code 0x1010 to SOFT-RESET in the TRIGGER
register. The software reset command is triggered on the CS rising edge of the instruction. A software reset
initiates a POR event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com