Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 2Page - Texas Instruments DAC80504 Datasheet HTML 3Page - Texas Instruments DAC80504 Datasheet HTML 4Page - Texas Instruments DAC80504 Datasheet HTML 5Page - Texas Instruments DAC80504 Datasheet HTML 6Page - Texas Instruments DAC80504 Datasheet HTML 7Page - Texas Instruments DAC80504 Datasheet HTML 8Page - Texas Instruments DAC80504 Datasheet HTML 9Page - Texas Instruments DAC80504 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Suppy voltage
VDD to GND
–0.3
6
V
VIO to GND
–0.3
6
Pin voltage
DAC outputs to GND
–0.3
VDD + 0.3
V
REF to GND
–0.3
VDD + 0.3
Digital pins to GND
–0.3
VIO + 0.3
Input current
Input current to any pin except supply pins
–10
10
mA
Temperature
Operating free-air, TA
–40
125
°C
Junction, TJ
–40
150
Storage, Tstg
–60
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD
Analog supply voltage
2.7
5.5
V
VIO
IO supply voltage
1.7
5.5
DIGITAL INPUTS
Digital input voltage
0
VIO
V
REFERENCE INPUT
VREFIN
VDD = 2.7 V to 3.3 V
Reference divider disabled
1.2
(VDD – 0.2)/2
V
Reference divider enabled
2.4
VDD – 0.2
VDD = 3.3 V to 5.5 V
Reference divider disabled
1.2
VDD/2
Reference divider enabled
2.4
VDD
TEMPERATURE
TA
Operating free-air temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com