Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 27 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments DAC80504 Datasheet HTML 30Page - Texas Instruments DAC80504 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
The DACx0504 decodes the 32-bit access cycle to compute the CRC remainder on CS rising edges. If no error
exists, the CRC remainder is zero and data are accepted by the device.
A write operation failing the CRC check causes the data to be ignored by the device. After the write command, a
second access cycle can be issued to determine the error checking result (CRC-ERROR bit) on the SDO pin, as
shown in Table 5. Additionally, by setting ALM-EN = 1 and ALM-SEL = 0 in the CONFIG register, the
SDO/ALARM pin is configured as a CRC alarm pin.
Table 5. Write Operation Error Checking Cycle
BIT
FIELD
DESCRIPTION
31
RW
Echo RW from previous access cycle (RW = 0).
30
CRC-ERROR
Returns a 1 when a CRC error is detected, 0 otherwise.
29:28
Reserved
Echo bits 29:28 from previous access cycle (all zeros).
27:24
A[3:0]
Echo address from previous access cycle.
23:8
DO[15:0]
Echo data from previous access cycle.
7:0
CRC
Calculated CRC value of bits 31:8.
A read operation must be followed by a second access cycle to get the requested data on the SDO pin. The
error check result (CRC-ERROR bit) from the read command is output on the SDO pin, as shown in Table 6. As
in the case of a write operation failing the CRC check, the SDO/ALARM pin if configured as a CRC alarm pin can
be used to indicate a read command CRC failure.
Table 6. Read Operation Error Checking Cycle
BIT
FIELD
DESCRIPTION
31
RW
Echo RW from previous access cycle (RW = 1).
30
CRC-ERROR
Returns a 1 when a CRC error is detected, 0 otherwise.
29:28
Reserved
Echo bits 29:28 from previous access cycle (all zeros).
27:24
A[3:0]
Echo address from previous access cycle.
23:8
DO[15:0]
Readback data requested on previous access cycle.
7:0
CRC
Calculated CRC value of bits 31:8.
8.4.4 Power-Down Mode
The DACx0504 DAC output amplifiers and internal reference can be independently powered down through the
CONFIG register. At power-up all output channels and the device internal reference are active by default. A DAC
output channel in power-down mode is connected internally to GND through a 1-kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com