Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 36Page - Texas Instruments DAC80504 Datasheet HTML 37Page - Texas Instruments DAC80504 Datasheet HTML 38Page - Texas Instruments DAC80504 Datasheet HTML 39Page - Texas Instruments DAC80504 Datasheet HTML 40Page - Texas Instruments DAC80504 Datasheet HTML 41Page - Texas Instruments DAC80504 Datasheet HTML 42Page - Texas Instruments DAC80504 Datasheet HTML 43Page - Texas Instruments DAC80504 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
5
6
7
8
1
2
3
4
9
10
11
12
13
14
15
16
ANALOG SIDE
DIGITAL SIDE
BYPASS CAPACITORS
BYPASS CAPACITOR
GND POUR
GND POUR
40
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The DACx0504 operates within the specified VDD supply range of 2.7 V to 5.5 V, and VIO supply range of 1.7 V to
5.5 V. The DACx0504 does not require specific supply sequencing.
The VDD supply must be well-regulated and low-noise. Switching power supplies and dc-dc converters often have
high-frequency glitches or spikes riding on the output voltage. In addition, digital components can create similar
high-frequency spikes. This noise can easily couple into the DAC output voltage through various paths between
the power connections and analog output. In order to further minimize noise from the power supply, include a 1-
μF to 10-μF capacitor and 0.1-μF bypass capacitor. The current consumption on the VDD pin, the short-circuit
current limit, and the load current for the device is listed in the Electrical Characteristics. The power supply must
meet the aforementioned current requirements.
11 Layout
11.1 Layout Guidelines
A precision analog component requires careful layout, the list below provides some insight into good layout
practices.
•
Bypass all power supply pins to ground with a low-ESR ceramic bypass capacitor. The typical recommended
bypass capacitance is 0.1-µF to 0.22-µF ceramic with a X7R or NP0 dielectric.
•
Place power supplies and REF bypass capacitors close to the pins to minimize inductance and optimize
performance.
•
Use a high-quality ceramic type NP0 or X7R for its optimal performance across temperature, and very low
dissipation factor.
•
The digital and analog sections must have proper placement with respect to the digital pins and analog pins
of the DACx0504 device. The separation of analog and digital blocks minimizes coupling into neighboring
blocks, as well as interaction between analog and digital return currents.
11.2 Layout Example
Figure 78. DACx0504 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com