Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 36 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 32Page - Texas Instruments DAC80504 Datasheet HTML 33Page - Texas Instruments DAC80504 Datasheet HTML 34Page - Texas Instruments DAC80504 Datasheet HTML 35Page - Texas Instruments DAC80504 Datasheet HTML 36Page - Texas Instruments DAC80504 Datasheet HTML 37Page - Texas Instruments DAC80504 Datasheet HTML 38Page - Texas Instruments DAC80504 Datasheet HTML 39Page - Texas Instruments DAC80504 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Microcontroller
CS
SCLK
MOSI
CS
SCLK
SDI
DACx0504
MISO
SDO
Copyright © 2017, Texas Instruments Incorporated
36
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The high linearity, small package size and wide temperature range make the DACx0504 suitable in applications
such as optical networking, wireless infrastructure, industrial automation and data acquisition systems. The
device incorporates a 2.5 V internal reference with an internal reference divider circuit that enables full-scale
DAC output voltages of 1.25 V, 2.5 V, or 5 V.
9.1.1 Interfacing to a Microcontroller
Figure 74 displays a typical serial interface that may be observed when connecting the DACx0504 SPI serial
interface to a (master) microcontroller type platform. The setup for the interface is as follows: the microcontroller
output SPI CLK drives the SCLK pin of the DACx0504, while the DACx0504 SDI pin is driven by the MOSI pin of
the microcontroller. The CS pin of the DACx0504 can be asserted from a general program input/output pin of the
microcontroller. When data are to be transmitted to the DACx0504, the CS pin is taken low. The data from the
microcontroller is then transmitted to the DACx0504, totaling 24 bits latched into the DACx0504 device through
the falling edge of SCLK. CS is then brought high after the completed write. The DACx0504 requires data with
the MSB as the first bit received.
Figure 74. Typical Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com