Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 19Page - Texas Instruments DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
VREFOUT (V)
0
10%
20%
30%
40%
50%
60%
70%
2.4975 2.4980 2.4985 2.4990 2.4995 2.5000 2.5005 2.5010
D061
Presolder Heat Reflow
Postsolder Heat Reflow
23
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.3.2 Internal Reference
The DACx0504 includes a 2.5 V precision bandgap reference enabled by default. Operation from an external
reference is supported by disabling the internal reference in the CONFIG register. The internal reference is
externally available at the REF pin.
A minimum 150 nF capacitor is recommended between the reference output and GND for noise filtering.
8.3.2.1 Reference Divider
The reference voltage to the device, either from the internal reference or an external one can be divided by a
factor of two by tying the REFDIV pin high at power-up or by setting the REF-DIV bit in the GAIN register to 1
during normal operation. The reference voltage divider provides additional flexibility in setting the full-scale output
voltage for each DAC output and must be configured to make certain that there is sufficient headroom from VDD
to the DAC operating reference voltage (VREF/DIV). See the Recommended Operating Conditions table for more
information.
Improper configuration of the reference divider issues a reference alarm condition. In this case, the reference
buffer is shut down, and all the DAC outputs go to 0 V. The DAC data registers are unaffected by the alarm
condition thus enabling the DAC output to return to normal operation once the reference divider is configured
correctly. The reference alarm status can be read from the REF-ALM bit in the STATUS register. Additionally by
setting ALM-EN = 1 and ALM-SEL = 1 in the CONFIG register, the SDO/ALARM pin is configured as a reference
alarm pin.
8.3.2.2 Solder Heat Reflow
A known behavior of IC reference voltage circuits is the shift induced by the soldering process. Figure 58 shows
the effect of solder heat reflow for the DACx0504 internal reference.
Figure 58. Solder Heat Reflow Reference Voltage Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com