Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments DAC80504 Datasheet HTML 30Page - Texas Instruments DAC80504 Datasheet HTML 31Page - Texas Instruments DAC80504 Datasheet HTML 32Page - Texas Instruments DAC80504 Datasheet HTML 33Page - Texas Instruments DAC80504 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.6 Register Map
Table 8. Register Map
REGISTER
TYPE
RESET
ADDRESS BITS
DATA BITS
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NOP
W
0000
0
0
0
0
NOP
DEVICE ID
R
—
0
0
0
1
DEVICEID
VERSIONID
SYNC
R/W
FF00
0
0
1
0
RESERVED
DACx-BRDCAST-EN
RESERVED
DACx-SYNC-EN
CONFIG
R/W
0000
0
0
1
1
RESERVED
ALM
SEL
ALM
EN
CRC
EN
F
SDO
D
SDO
REF
PWD
WN
RESERVED
DACx-PWDWN
GAIN
R/W
0000
0
1
0
0
RESERVED
REF
DIV-
EN
RESERVED
BUFFx-GAIN
TRIGGER
W
0000
0
1
0
1
RESERVED
L
DAC
SOFT-RESET[3:0]
BRDCAST
R/W
0000
0
1
1
0
BRDCAST-DATA[15:0]
STATUS
R/W
0000
0
1
1
1
RESERVED
REF
ALM
DAC0
R/W
0000
1
0
0
0
DAC0-DATA[15:0]
DAC1
R/W
0000
1
0
0
1
DAC1-DATA[15:0]
DAC2
R/W
0000
1
0
1
0
DAC2-DATA[15:0]
DAC3
R/W
0000
1
0
1
1
DAC3-DATA[15:0]
All Others
—
—
—
—
—
—
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com