Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 5Page - Texas Instruments DAC80504 Datasheet HTML 6Page - Texas Instruments DAC80504 Datasheet HTML 7Page - Texas Instruments DAC80504 Datasheet HTML 8Page - Texas Instruments DAC80504 Datasheet HTML 9Page - Texas Instruments DAC80504 Datasheet HTML 10Page - Texas Instruments DAC80504 Datasheet HTML 11Page - Texas Instruments DAC80504 Datasheet HTML 12Page - Texas Instruments DAC80504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications at VDD= 2.7 V to 5.5 V, VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, RLOAD = 2 kΩ
to GND, CLOAD = 200 pF to GND, digital inputs at VIO or GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE
VREFOUT
Reference output voltage
TA = 25°C
2.495
2.5
2.505
V
Reference output drift
2
5
ppm/°C
Reference output impedance
0.1
Ω
Reference output noise
0.1 Hz to 10 Hz
15
µVPP
Reference output noise density
10 kHz, REFLOAD = 10 nF
130
nV/
√Hz
Reference load current
±5
mA
Reference load regulation
Source and sink
100
µV/mA
Reference line regulation
20
µV/V
Reference output drift over time
TA = 25°C, 1600 hours
4.8
ppm
Reference thermal hysteresis
First cycle
50
ppm
Additional cycle
18
DIGITAL INPUTS
VIH
High-level input voltage
0.7 × VIO
V
VIL
Low-level input voltage
0.3 × VIO
V
Input current
±2
µA
Input pin capacitance
2
pF
DIGITAL OUTPUTS
VOH
High-level output voltage
ILOAD = 0.2 mA
VIO – 0.4
V
VOL
Low-level output voltage
ILOAD = –0.2 mA
0.4
V
Output pin capacitance
4
pF
POWER SUPPLY REQUIREMENTS
IDD
VDD supply current
Active mode, internal reference enabled, gain = 1,
DAC code = full scale, outputs unloaded, SPI static
2.8
3.6
mA
Active mode, internal reference disabled, gain = 1,
DAC code = full scale, outputs unloaded, SPI static
2.3
3
Power-down
15
µA
IIO
VIO supply current
2
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com