Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 4Page - Texas Instruments DAC80504 Datasheet HTML 5Page - Texas Instruments DAC80504 Datasheet HTML 6Page - Texas Instruments DAC80504 Datasheet HTML 7Page - Texas Instruments DAC80504 Datasheet HTML 8Page - Texas Instruments DAC80504 Datasheet HTML 9Page - Texas Instruments DAC80504 Datasheet HTML 10Page - Texas Instruments DAC80504 Datasheet HTML 11Page - Texas Instruments DAC80504 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications at VDD= 2.7 V to 5.5 V, VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, RLOAD = 2 kΩ
to GND, CLOAD = 200 pF to GND, digital inputs at VIO or GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Temporary overload condition protection. Junction temperature can be exceeded during current limit. Operation above the specified
maximum junction temperature may impair device reliability.
(3)
Specified by design and characterization. Not tested during production.
(4)
Time to exit DAC power-down mode. Measured from CS rising edge to 90% of DAC final value.
OUTPUT CHARACTERISTICS
Voltage range
Gain = 2 (BUFF-GAIN = 1, REF-DIV = 0)
0
2 × VREF
V
Gain = 1 (BUFF-GAIN = 1, REF-DIV = 1)
0
VREF
Gain = ½ (BUFF-GAIN = 0, REF-DIV = 1)
0
½ × VREF
Output voltage headroom
to GND or VDD (unloaded)
0.004
V
to GND or VDD (–5 mA ≤ IOUT ≤ 5 mA)
0.15
to GND or VDD (–10 mA ≤ IOUT ≤ 10 mA)
0.3
to GND or VDD (–20 mA ≤ IOUT ≤ 20 mA)
0.5
Short circuit current
(2)
DAC code = full scale, output shorted to GND
30
mA
DAC code = zero scale, output shorted to VDD
35
Load regulation
DAC code = midscale, -10 mA
≤ IOUT ≤ 10 mA
85
µV/mA
Maximum capacitive load
(3)
RLOAD = ∞
0
2
nF
RLOAD = 2 kΩ
0
10
DC output impedance
DAC code = midscale
0.085
Ω
DAC code at GND or VDD
15
DYNAMIC PERFORMANCE
Output voltage settling time
¼ to ¾ scale and ¾ to ¼ scale settling time to ±2
LSB, VDD = 5.5 V, VREFIN = 2.5 V, gain = 2
5
µs
Slew rate
VDD = 5.5 V, VREFIN = 2.5 V, gain = 2
1.8
V/µs
Power-up time
DACx-PWDWN 1 to 0 transition, DAC code = full
scale, VDD = 5.5 V, VREFIN = 2.5 V, gain = 2
(4)
12
µs
Power-up glitch magnitude
DAC code = zero scale, VDD = 5.5 V, VREFIN = 2.5 V,
gain = 2. CLOAD = 50 pF
25
mV
Output noise
0.1 Hz to 10 Hz, DAC code = midscale, VDD = 5.5 V,
VREFIN = 2.5 V, gain = 2
14
µVPP
Output noise density
1 kHz, DAC code = midscale, VDD = 5.5 V, VREFIN =
2.5 V, gain = 2
78
nV/
√Hz
10 kHz, DAC code = midscale, VDD = 5.5 V, VREFIN =
2.5 V, gain = 2
74
1 kHz, DAC code = full scale, VDD = 5.5 V, VREFIN =
2.5 V, gain = 1
55
10 kHz, DAC code = full scale, VDD = 5.5 V, VREFIN =
2.5 V, gain = 1
50
AC PSRR
DAC code = midscale, frequency = 60 Hz,
amplitude = 200 mVPP superimposed on VDD
85
dB
DC PSRR
DAC code = midscale, VDD = 5 V ± 10%
10
µV/V
Code change glitch impulse
1 LSB change around major carrier
4
nV-s
Channel-to-channel ac crosstalk
DAC code = midscale. Code 32 to full-scale swing on
adjacent channel
0.2
nV-s
Channel-to-channel dc crosstalk
Measured channel at midscale, adjacent channel at
full scale
5
µV
Measured channel at midscale, all other channels at
full scale
10
Digital feedthrough
DAC code = midscale. fSCLK = 1 MHz, SDO disabled
0.1
nV-s
EXTERNAL REFERENCE INPUT
Reference input current
VREFIN = 2.5 V
25
µA
Reference input impedance
100
kΩ
Reference input capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com