Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 3Page - Texas Instruments DAC80504 Datasheet HTML 4Page - Texas Instruments DAC80504 Datasheet HTML 5Page - Texas Instruments DAC80504 Datasheet HTML 6Page - Texas Instruments DAC80504 Datasheet HTML 7Page - Texas Instruments DAC80504 Datasheet HTML 8Page - Texas Instruments DAC80504 Datasheet HTML 9Page - Texas Instruments DAC80504 Datasheet HTML 10Page - Texas Instruments DAC80504 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DACx0504
UNIT
RTE (WQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
33.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.5
°C/W
RθJB
Junction-to-board thermal resistance
7.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
7.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W
(1)
Static performance specified with DAC outputs unloaded for all gain options, unless otherwise noted. End point fit between codes. 16-
bit: Code 256 to 65280, 14-bit: Code 128 to 16127, 12-bit: Code 16 to 4031.
7.5 Electrical Characteristics
all minimum and maximum specifications at VDD= 2.7 V to 5.5 V, VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, RLOAD = 2 kΩ
to GND, CLOAD = 200 pF to GND, digital inputs at VIO or GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
(1)
Resolution
DAC80504
16
Bits
DAC70504
14
DAC60504
12
INL
Integral nonlinearity
DAC80504
±0.5
±1
LSB
DAC70504
±0.5
±1
DAC60504
±0.5
±1
DNL
Differential nonlinearity
DAC80504, specified 16-bit monotonic
±0.5
±1
LSB
DAC70504, specified 14-bit monotonic
±0.5
±1
DAC60504, specified 12-bit monotonic
±0.5
±1
TUE
Total unadjusted error
±0.05
±0.1
%FSR
Offset error
±0.75
±1.5
mV
Zero-code error
DAC code = zero scale
0.5
1.5
mV
Full-scale error
±0.05
±0.1
%FSR
Gain error
±0.05
±0.1
%FSR
Offset error drift
±1
µV/°C
Zero-code error drift
±2
µV/°C
Full-scale error drift
±2
ppm of FSR/°C
Gain error drift
±1
ppm of FSR/°C
Output voltage drift over time
TA = 25°C, DAC code = midscale, 1600 hours
20
ppm of FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com