Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 37 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 33Page - Texas Instruments DAC80504 Datasheet HTML 34Page - Texas Instruments DAC80504 Datasheet HTML 35Page - Texas Instruments DAC80504 Datasheet HTML 36Page - Texas Instruments DAC80504 Datasheet HTML 37Page - Texas Instruments DAC80504 Datasheet HTML 38Page - Texas Instruments DAC80504 Datasheet HTML 39Page - Texas Instruments DAC80504 Datasheet HTML 40Page - Texas Instruments DAC80504 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
VOUT
IL
LOAD
U3
OPA277
VDD
VDD
REF
DACx0504
GND
GND
R1'
150 k
R1
150 k
R2
15 k
R2'
15 k
C1
10 pF
R3
50
R3'
50
VREF
VDAC
Copyright © 2017, Texas Instruments Incorporated
'
O
'
'
'
R1
R3 R1 R2
Z
R1 R2
R3
R1 R2 R3
L
REF
n
R2 R3 / R1
CODE
I
V
R3
2
u
u
37
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Application Information (continued)
9.1.2 Programmable Current Source Circuit
The DACx0504 can be integrated into the circuit in Figure 75 to implement an improved Howland current pump
for precise voltage to current conversions. Bidirectional current flow and high voltage compliance are two
features of the circuit. With a matched resistor network, the load current of the circuit is shown by Equation 2.
(2)
The value of R3 in Equation 2 can be reduced to increase the output current drive of U3. U3 can drive ±20 mV in
both directions with voltage compliance limited up to 15 V by the U3 voltage supply. Elimination of the circuit
compensation capacitor C1 in the circuit is not suggested as a result of the change in the output impedance ZO,
according to Equation 3.
(3)
As shown in Equation 3, with matched resistors, ZO is infinite and the circuit is optimum for use as a current
source. However, if unmatched resistors are used, ZO is positive or negative with negative output impedance
being a potential cause of oscillation. Therefore, by incorporating C1 into the circuit, possible oscillation problems
are eliminated. The value of C1 can be determined for critical applications; for most applications, however, a
value of several pF is suggested.
Figure 75. Programmable Bidirectional Current Source Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com