Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments DAC80504 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
SDI
SDO
SCLK
CS
DACx0504
DACx0504
DACx0504
C
B
A
SDI
SDO
SCLK
CS
SDI
SDO
SCLK
CS
Copyright © 2017, Texas Instruments Incorporated
26
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.4.2 Daisy-Chain Operation
For systems that contain more than one DACx0504 devices, the SDO pin can be used to daisy-chain them
together. Daisy-chain operation is useful in reducing the number of serial interface lines.
The first falling edge on the CS pin starts the operation cycle. If more than 24 SCLK pulses are applied while the
CS pin is kept low, the data ripples out of the shift register and is clocked out on the SDO pin either on the falling
edge or rising edge of SCLK according to the FSDO bit. By connecting the SDO output of the first device to the
SDI input of the next device in the chain, a multiple-device interface is constructed. Each device in the system
requires 24 clock pulses. As a result the total number of clock cycles must be equal to 24 × N, where N is the
total number of DACx0504 devices in the daisy chain. When the serial transfer to all devices is complete the CS
signal is taken high. This action transfers the data from the serial peripheral interface (SPI) shift registers to the
internal registers of each device in the daisy chain and prevents any further data from being clocked into the
input shift register.
Figure 61. Daisy-Chain Layout
8.4.3 Frame Error Checking
If the DACx0504 is used in a noisy environment, error checking can be used to check the integrity of SPI data
communication between the device and the host processor. This feature can be enabled by setting the CRC-EN
bit in the CONFIG register.
The error checking scheme is based on the CRC-8-ATM (HEC) polynomial x8 + x2 + x + 1 (that is, 100000111).
When error checking is enabled, the serial interface access cycle width is 32 bits. The normal 24-bit SPI data are
appended with an 8-bit CRC polynomial by the host processor before feeding it to the device, as shown in
Table 4. In all serial interface readback operations the CRC polynomial is output on the SDO pin as part of the
32-bit cycle.
Table 4. Error Checking Serial Interface Access Cycle
BIT
FIELD
DESCRIPTION
31
RW
Identifies the communication as a read or write command to the addressed register. R/W = 0 sets a
write operation. R/W = 1 sets a read operation.
30
CRC-ERROR
Reserved bit. Set to zero.
29:28
Reserved
Reserved bits. Must be filled with zeros.
27:24
A[3:0]
Register address. Specifies the register to be accessed during the read or write operation.
23:8
DI[15:0]
Data cycle bits. If a write command, the data cycle bits are the values to be written to the register with
address A[3:0]. If a read command, the data cycle bits are don’t care values.
7:0
CRC
8-bit CRC polynomial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com