Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80504 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 1 Page - Texas Instruments

  DAC80504 Datasheet HTML 1Page - Texas Instruments DAC80504 Datasheet HTML 2Page - Texas Instruments DAC80504 Datasheet HTML 3Page - Texas Instruments DAC80504 Datasheet HTML 4Page - Texas Instruments DAC80504 Datasheet HTML 5Page - Texas Instruments DAC80504 Datasheet HTML 6Page - Texas Instruments DAC80504 Datasheet HTML 7Page - Texas Instruments DAC80504 Datasheet HTML 8Page - Texas Instruments DAC80504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
OUT0
DAC
Register
DAC
Buffer
BUF
Channel 0
Channel 1
Channel 2
Channel 3
Power Down Logic
Resistive Network
Power On Reset
DACx0504
OUT1
OUT2
OUT3
REF
SCLK
SDI
SDO/ALARM
RSTSEL
VDD
DAC
CS
Internal
Reference
VIO
÷1 or ÷2
GAIN
GAIN
×1 or ×2
GND
LDAC
REFDIV
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
1
1 Features
1
•
Performance
–
INL: ±1 LSB Maximum at 16-Bit Resolution
–
TUE: ±0.1% of FSR Maximum
•
Integrated 2.5 V Precision Internal Reference
–
Initial Accuracy: ±5 mV, Maximum
–
Low Drift: 2 ppm/°C Typical
•
High Drive Capability: 20 mA With 0.5 V From
Supply Rails
•
Flexible Output Configuration
–
User Selectable Gain: 2, 1 or ½
–
Reset to Zero Scale or Midscale
•
Wide Operating Range
–
Power Supply: 2.7 V to 5.5 V
–
Temperature: –40
˚C to +125˚C
•
50-MHz, SPI-Compatible Serial Interface
–
4-Wire Mode, 1.7 V to 5.5 V Operation
–
Daisy-Chain Operation
–
CRC Error Check
•
Low Power: 0.7 mA/Channel at 5.5 V
•
Small Package: 3-mm × 3-mm, 16-Pin WQFN
2 Applications
•
Optical Networking
•
Wireless Infrastructure
•
Industrial Automation
•
Data Acquisition Systems
3 Description
The
DAC80504,
DAC70504,
and
DAC60504
(DACx0504) are a pin-compatible family of low-
power, four-channel, buffered voltage-output, digital-
to-analog converters (DACs) with 16-, 14-, and 12-bit
resolution. The DACx0504 includes a low drift, 2.5-V
internal reference, eliminating the need for an
external precision reference in most applications. A
user-selectable gain configuration provides full-scale
output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1),
or 5 V (gain = 2). These devices operate from a
single 2.7-V to 5.5-V supply, are specified monotonic,
and provide high linearity of ±1 LSB INL.
Communication
to
the
DACx0504
is
performed
through a 4-wire serial interface that operates at clock
rates of up to 50 MHz. The VIO pin enables serial
interface operation from 1.7 V to 5.5 V. The
DACx0504 flexible interface enables operation with a
wide range of industry-standard microprocessors and
microcontrollers.
The DACx0504 incorporate a power-on-reset circuit
that powers up and maintains the DAC outputs at
either zero scale or midscale until a valid code is
written to the device. These device consume a low
current of 0.7 mA/channel at 5.5 V, making these
devices an excellent choice for battery-operated
equipment.
A
per-channel
power-down
feature
reduces the device current consumption to 15 µA.
The DACx0504 is characterized for operation over
the temperature range of –40°C to +125°C, and is
available in a small, 3-mm × 3-mm QFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx0504
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Block Diagram


Similar Part No. - DAC80504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80504RTER TI1-DAC80504RTER Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
More results

Similar Description - DAC80504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com