Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 41Page - STMicroelectronics L9305 Datasheet HTML 42Page - STMicroelectronics L9305 Datasheet HTML 43Page - STMicroelectronics L9305 Datasheet HTML 44Page - STMicroelectronics L9305 Datasheet HTML 45Page - STMicroelectronics L9305 Datasheet HTML 46Page - STMicroelectronics L9305 Datasheet HTML 47Page - STMicroelectronics L9305 Datasheet HTML 48Page - STMicroelectronics L9305 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
The typical procedure for running the diagnostic comparator self-test is outlined below:
Disable off-state diagnostics, set CONFIGURATION1 register, D[5] = 0
Enable diagnostics self-test, CONFIGURATION2 register, D[1] = 1
Read results in EXCEPTIONS1 register, D[8:7]
8.4.6
PWM check
The L9305 can verify output driver status with respect to the PWM input signal. This function can only be
performed when the channel is enabled and controlling load current. Should a mismatch be detected, the PWM
Check Fault, D[12] is set in the EXCEPTIONS1 register.
8.4.7
Valve driver safety electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VSx ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to
GNDA pin.
Table 33. Valve driver safety parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Delta_curr_sense
Tolerable mismatch between
high side and low side current
sense
Guaranteed by scan, Iload =
0.8 A
-15
15
%
LOAD_SOLx
ADC_checkHILOAD=0
Tolerable mismatch between
functional and safety ADCs
Guaranteed by scan
-128
128
mA
ADC_checkHILOAD=1
Tolerable mismatch between
functional and safety ADCs
-170.6
170.6
mA
t_ADC_blank
Self test blanking time
Guaranteed by scan
3
4
µs
t_BIST
Solenoid digital BIST duration
Guaranteed by scan
5
ms
t_BIST
Analog BIST duration
Guaranteed by scan
0.9
1.7
1.8
ms
t_EEPROM
EEPROM download time
Guaranteed by scan
4
ms
t_PWM_check
PWM check masking time
SR = 00 Guaranteed by scan
13*64/fOSC
14*64/fOSC
LOAD_SOLx
t_PWM_check
PWM check masking time
SR = 01 Guaranteed by scan
9*64/fOSC
10*64/fOSC
LOAD_SOLx
t_PWM_check
PWM check masking time
SR = 10/11 Guaranteed by
scan
5*64/fOSC
6*64/fOSC
LOAD_SOLx
PWM_check_deglitch PWM check fault deglitch time
Guaranteed by scan
0.2
1
µs
LOAD_SOLx
I_safe_pd
Safety switch off pull down
current capability
Design info not tested
1
mA
FS_Gx
Vgs_off_safed
Residual voltage at FS_G pins
with safe off path active
Design info not tested in
production
2
V
FS_Gx
8.5
Core over temperature
The device internal temperature is monitored against overheating. If an over temperature event is detected, all
solenoid driver outputs are disabled, their enable bit is cleared and their configuration registers are reset, a fault
bit cleared on read is set in the SPI registers (Core Over Temperature D[0] bit in SERVFLT1 register). Once the
over temperature condition is removed the fault information must be cleared to restart the outputs. Core over
temperature is provided with a hysteresis in order to avoid power-on/power-off oscillations when temperature is
around over temperature threshold.
8.5.1
Core over temperature electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VSx ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to
GNDA pin.
L9305
Safety features
DS12774 - Rev 10
page 45/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com