Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 39Page - STMicroelectronics L9305 Datasheet HTML 40Page - STMicroelectronics L9305 Datasheet HTML 41Page - STMicroelectronics L9305 Datasheet HTML 42Page - STMicroelectronics L9305 Datasheet HTML 43Page - STMicroelectronics L9305 Datasheet HTML 44Page - STMicroelectronics L9305 Datasheet HTML 45Page - STMicroelectronics L9305 Datasheet HTML 46Page - STMicroelectronics L9305 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
8.3.1
Safety switch-off path electrical characteristics
4.75 V ≤ VDD ≤ 5.5 V; 5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to
GNDA pin.
Table 31. Oscillator safety switch-off path parameter
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tSAFETYn echo_deglitch
Digital deglitch of safetyn echo
Guaranteed by scan
0.2
–
1
µs
8.4
Valve drivers
To verify current control integrity, various diagnostic tests are integrated throughout the control path and are
explained in the following sections.
8.4.1
High side – low side current sense compare
Load current is monitored in both the high side and low side solenoid drivers. The current sensing circuits are
independent. The current sense output is multiplexed into an analog to digital converter to close the control loop.
To verify the correct current sense functionality, an automatic check between the high and low side current
measurements can be made. In the Measured H/L Delta Current register is stored the actual difference between
the current sensed from HS and LS circuits, this measured delta current value can be read at power-on by the
microcontroller and its value can be written into the Base H/L Delta Current Register, in order to compensate
known systematic offsets or delta induced by asymmetrical load transient response and to improve check
accuracy. Once the device has the Base H/L Delta Current value recorded, it will continuously monitor the high
and low side current values and should the difference exceed the Base H/L Current value, the HS/LS compare
fault bit is set (EXCEPTIONS2 register, D[1]). The microcontroller may also perform the same test by simply
reading the Measured H/L Delta Current value on a continuous basis and check for deviations.
The current step value is 2 mA per bit. The HS/LS compare fault bit, ie D[1] in the EXCEPTIONS2 register is set
high in case the measured current delta exceed the value ± (25 mA + 12.5%*Isetpoint). An example waveform is
shown below in Figure 19.
The current step value is measured and sensed. Delta values are stored in SPI registers with two’s complement
format:
MeasuredDeltaCurrent=2ComplementMeasDeltaCurrent7:0 *2mA
(3)
Figure 19. HS/LS current compare example
LS
1.15
1.1
1.05
1
0.95
0.9
0.85
PWM
Current
DeltaLS→HS
DeltaHS→LS
Delta(I) = average(DeltaLS→HS, DeltaHS→LS)
LS
LS
HS
HS
GADG2709181329PS
L9305
Safety features
DS12774 - Rev 10
page 43/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com