Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 47Page - STMicroelectronics L9305 Datasheet HTML 48Page - STMicroelectronics L9305 Datasheet HTML 49Page - STMicroelectronics L9305 Datasheet HTML 50Page - STMicroelectronics L9305 Datasheet HTML 51Page - STMicroelectronics L9305 Datasheet HTML 52Page - STMicroelectronics L9305 Datasheet HTML 53Page - STMicroelectronics L9305 Datasheet HTML 54Page - STMicroelectronics L9305 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
9.6
SPI electrical specification
4.75 V ≤ VDD ≤ 5.5 V; 5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to
GNDA pin.
Table 38. SPI electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max Unit
Pin
SPI_in_low
Logic input low detection
–
–
–
0.75
V
CS, MOSI,
SCLK
SPI_in_high
Logic input high detection
–
1.75
–
–
V
CS, MOSI,
SCLK
SPI_in_hyst
Input hysteresis voltage
–
0.1
–
–
V
CS, MOSI,
SCLK
SPI_in_pd
Internal pull down resistance
VIN < 2.5 V
20
40
80
kΩ
MOSI, SCLK
SPI_in_pu
Internal pull up resistance
VIN < 2.5 V
40
90
180
kΩ
CS
MISO_Ileak
Leakage current in tri-state condition –
–
–
10
µA
MISO
MISO_low
Logic low level
Isink = 1 mA
–
–
0.4
V
MISO
MISO_high
Logic high level
Isource = 1 mA
VDDIO-0.4
–
–
V
MISO
MISO_trise
MISO rise time
Cload = 200 pF
–
–
50
ns
MISO
MISO_tfall
MISO fall time
Cload = 200 pF
–
–
50
ns
MISO
fclk
Transfer Frequency
Design info 50% duty cycle, not
tested(1)
–
–
8
MHz
SCLK, MOSI,
MISO
tpcld+tsdo_trans Propagation delay
SCLK to data at SDO is valid
Cload_max = 200 pF inlcuding
parasitics
–
–
100
ns
SCLK, MISO
tcsdv
NCS=LOW to data at SDO active
Cload_max = 200 pF inlcuding
parasitics
–
–
200
ns
CS, MISO
tpchdz
NCS L/H to SDO at high impedance
Cload_max = 200 pF inlcuding
parasitics
–
–
200
ns
CS, MISO
tsclch
SCLK before NCS low
Design info, not tested
50
–
–
ns
CS, SCLK
thclcl
SCLK change L/H after NCS=LOW
Design info, not tested
130
–
–
ns
CS, SCLK
tsclcl
SCLK low before NCS high
Design info, not tested
50
–
–
ns
CS, SCLK
thclch
SCLK high after NCS high
Design info, not tested
50
–
–
ns
CS, SCLK
tscld
SDI input setup time
Design info, not tested
20
–
–
ns
MOSI
thcld
SDI input hold time
Design info, not tested
–
–
20
ns
MOSI
tonNCS
NCS min. high time
Design info, not tested
650
–
–
ns
CS
tclh
Minimum Time SCLK=HIGH
Design info, not tested
45
–
–
ns
SCLK
tcll
Minimum Time SCLK=LOW
Design info, not tested
45
–
–
ns
SCLK
Cin
Input pin capacitance
Design info, not tested
–
–
30
pF
MOSI, CS,
SCLK
Cout_hiz
MISO output pin capacitance in tri-
state
Design info, not tested
–
–
50
pF
MISO
1. SPI max frequency may be less depending on the total capacitive load and MCU timing requirements
L9305
SPI
DS12774 - Rev 10
page 51/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com