Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 42Page - STMicroelectronics L9305 Datasheet HTML 43Page - STMicroelectronics L9305 Datasheet HTML 44Page - STMicroelectronics L9305 Datasheet HTML 45Page - STMicroelectronics L9305 Datasheet HTML 46Page - STMicroelectronics L9305 Datasheet HTML 47Page - STMicroelectronics L9305 Datasheet HTML 48Page - STMicroelectronics L9305 Datasheet HTML 49Page - STMicroelectronics L9305 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
Table 34. Core thermal monitoring electrical performance
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
CORE_ot
CORE over temperature shut down threshold
175
–
185
°C
CORE_ot_hyst
CORE over temperature hysteresis
–
4
7
10
°C
CORE_ot_filt
Digital deglitch
Guaranteed by scan
9
10
12
µs
8.6
IC data verification
All read/write registers are mirrored thus resulting in a main register and a mirror register. The contents of each
register’s main and mirror are verified for consistency. Should a data mismatch between a main read/write register
and its mirror register occur, an associated fault bit is set as described below :
•
A global register mismatch flag (SERVFLT1, D[2]) is associated to the global registers
–
SERVENA
–
SOLENDR
–
TIMEOUTSPICFG
–
FSCONF
–
SERVFLTMSK1
–
SERVFLTMSK2
•
A channel register mismatch flag (EXCEPTIONS2, D[0]) is dedicated to each channel register bank
–
CONFIGURATION1
–
CONFIGURATION2
–
DITHPGM1
–
DITHPGM2
–
SETPOINT
–
CTRLCFG
–
KFREQCTRL
–
KGAINS
–
INTGLIM
–
DRVFLTMASK1
–
DRVFLTMASK2
–
BASEHLDELTACURR
All the flags are cleared-on-read and refer to the entire register bank. No action is taken when a mismatch arises.
Data mismatch flags can also be mapped to FAULTn pin using SERVFLTMSK1, D[2] for global register and
DRVFLTMSK2, D[0] for channel registers. These flags are masked by default and must be enabled by the users
as per their system needs.
L9305
Safety features
DS12774 - Rev 10
page 46/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com