Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 21Page - STMicroelectronics L9305 Datasheet HTML 22Page - STMicroelectronics L9305 Datasheet HTML 23Page - STMicroelectronics L9305 Datasheet HTML 24Page - STMicroelectronics L9305 Datasheet HTML 25Page - STMicroelectronics L9305 Datasheet HTML 26Page - STMicroelectronics L9305 Datasheet HTML 27Page - STMicroelectronics L9305 Datasheet HTML 28Page - STMicroelectronics L9305 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
To enable parallel mode the following conditions must be verified, otherwise the channels will be kept independent
depending on their own settings:
•
Bit 14 and/or Bit15 in SERVENA register must be set to 1 (Bit14 enables parallel mode for ch0-ch1 pair,
Bit15 for ch2-ch3 pair)
•
SOLENDRV configuration must be equal for selected parallel channel pair
Even if diagnostic is kept independent, faults causing tri-state condition will affect both channels in parallel mode.
Parallel mode is mandatory to use only with maximum slew rate setting and in configuration HILOAD=0. Besides,
driver active time (T_ON) must be higher than a minimum value, which directly depends on load current, battery
voltage applied to the solenoid and load parameters.
Further guidelines on the usage of this feature are provided in a specific dedicated Application Note.
6.1.9
Dither programming
Dither programming (Channel_x.DITHPGM1 and Channel_x.DITHPGM2) superimposes a triangular amplitude
modulation on the current set point as shown in the Figure 13.
Figure 13. Dither waveforms definitions
Tdither[s] = 4 · Nstep · Tstep[s]
Tdither[s] = 4 · Tstep[s]
Tdither[s] = 2 · Tstep[s]
Example of Nstep = 3
Example of Nstep = 1
Example of Nstep = 0
Tstep[s]
Tstep[s]
Tstep[s]
Istep
Istep
(3)
(1)
(2)
(1)
3 steps
3 steps
3 steps
3 steps
Isetpoint
Isetpoint
Isetpoint
Istep
GADG2709181243PS
To implement dither function, the following parameters need to be set according to the user operating
requirements.
•
Tstep: Dither step time duration is programmable as an integer number of PWM periods as defined by the
formula
DitℎerStepDuration= Tstep+1*Tpwmwhere:
–
Tstep is programmable in Channel_x.DITHPGM2, D[5:0].
–
TPWM is the PWM period programmable in Channel_x.CTRLCFG register, D[10]
•
Nstep: number of steps in a quarter of a dither period, where:
–
Nstep is the value programmed in Channel_DITHPGM2 register, D[12:8]
–
If Nstep = 0, a square wave dither of 2 steps peak to peak will be generated
•
Istep: Current step amplitude is programmable in Channel_xDITHPGM1 register, D[7:0] with the same
current resolution as the current set point.
–
HILOAD = 0 → Normal current mode - Single bit resolution = 0.25 [mA] - Max Step Current
63.75[mA];
DitℎerStepCurrent=Istep7:0*0.25mA
–
HILOAD = 1 → High current mode - Single bit resolution = 0.33 [mA] - Max Step Current 84.15[mA].
DitℎerStepCurrent=Istep7:0*0.33mA
•
Tdither: Dither period calculated as:
Tditℎer=4*Nstep*Tstep
•
Idither: Peak-to-peak current modulation amplitude calculated as:
Iditℎer=2*Nstep*Istep
Dither can be enabled/disabled via SPI in register Channel_x.DITHPGM1, D[15]. Dither waveform maximum
amplitude is limited by the selected current resolution configuration (HILOAD, register CONFIGURATION1, D[15])
as shown below:
HILOAD = 0 → Normal current mode - Max Dither Current Amplitude = ± 250 [mA];
HILOAD = 1 → High current mode - Max Dither Current Amplitude = ± 330 [mA];
L9305
Current control drivers
DS12774 - Rev 10
page 25/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com