Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 93Page - STMicroelectronics L9305 Datasheet HTML 94Page - STMicroelectronics L9305 Datasheet HTML 95Page - STMicroelectronics L9305 Datasheet HTML 96Page - STMicroelectronics L9305 Datasheet HTML 97Page - STMicroelectronics L9305 Datasheet HTML 98Page - STMicroelectronics L9305 Datasheet HTML 99Page - STMicroelectronics L9305 Datasheet HTML 100Page - STMicroelectronics L9305 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
10.4
PowerSSO-36 (7.2x4.75 mm option C exposed pad down) package information
Figure 31. PowerSSO-36 (7.2x4.75 mm option C exposed pad down) package outline
7587131_Rev9_EH
b1
c1
c
(b)
BASE METAL
WITH PLATING
H
E2
D1
ggg
C A-B D
ggg
CA-B D
GAUGE PLANE
L2
S
θ2
L1
L
B
B
h
h
θ1
θ1
E4
D3
A
A2
A1
e
b
ddd
CD
ccc C
SEATING PLANE
// eee C
D
f f f CA-B
2x
A
E
D
bbb C
2x N/2 TIPS
E1
A
A
N
N/2
1 2 3
B
aaa CD
2x
E3
D2
index area
(0.25D x 0.75E1)
pin 1 indicator
R
R1
G1x2
G3
G3
G3
G2
Bottom view
Top view
GAPGPS03424
Section A-A
Section B-B
(see Section A-A)
(see Section B-B)
M
M
M
Table 44. PowerSSO-36 (exposed pad down) package mechanical data
Symbol
Dimensions
Note
Min.
Typ.
Max.
Ө
0°
-
8°
Ө1
5°
-
10
Ө2
0°
-
-
A
2.15
-
2.45
A1
0.00
-
0.10
10
L9305
Package information
DS12774 - Rev 10
page 97/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com