Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 97Page - STMicroelectronics L9305 Datasheet HTML 98Page - STMicroelectronics L9305 Datasheet HTML 99Page - STMicroelectronics L9305 Datasheet HTML 100Page - STMicroelectronics L9305 Datasheet HTML 101Page - STMicroelectronics L9305 Datasheet HTML 102Page - STMicroelectronics L9305 Datasheet HTML 103Page - STMicroelectronics L9305 Datasheet HTML 104Page - STMicroelectronics L9305 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
Contents
1
Block diagram .....................................................................3
2
Pins description ..................................................................6
3
Product Characteristics............................................................9
3.1
Absolute maximum ratings....................................................... 9
3.2
Latchup trials .................................................................. 9
3.3
ESD performance ............................................................. 10
3.4
Temperature range ............................................................ 10
4
Input / Output ....................................................................11
4.1
Reset (RESn) ................................................................ 11
4.2
Enable (EN_DR) .............................................................. 11
4.3
Channel inputs (INx/NDISx)..................................................... 11
4.4
Fault (FAULTn) ............................................................... 11
4.5
SPI communications (CS, SCLK, MOSI & MISO) ................................... 12
4.6
Input / output electrical specifications ............................................. 13
5
Power supply ....................................................................14
5.1
Overview .................................................................... 14
5.2
Battery supply (VBATP) ........................................................ 14
5.3
Load supplies (VSOL1, VSOL2, VSOL3 & VSOL4) ................................. 14
5.4
Analog and digital supply (VDD) ................................................ 15
5.5
I/O supply (VDDIO) ........................................................... 15
5.6
Power-On reset ............................................................... 15
5.7
GND (GNDD, GNDA, GND_SOLx) .............................................. 15
5.8
Charge pump ................................................................ 15
5.9
Startup & power down sequence ................................................ 16
5.10
Power supply electrical specifications ............................................ 17
6
Current control drivers ...........................................................18
6.1
Hardware current control ....................................................... 18
6.1.1
Current set point programming ............................................. 20
6.1.2
PWM switching period programming......................................... 20
6.1.3
Current control loop configuration ........................................... 20
6.1.4
Fixed frequency control................................................... 21
6.1.5
Variable frequency control................................................. 22
6.1.6
Chopper offset compensation of current sense amplifier ......................... 24
6.1.7
Staggered channel activation .............................................. 24
L9305
Contents
DS12774 - Rev 10
page 101/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com