Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 23Page - STMicroelectronics L9305 Datasheet HTML 24Page - STMicroelectronics L9305 Datasheet HTML 25Page - STMicroelectronics L9305 Datasheet HTML 26Page - STMicroelectronics L9305 Datasheet HTML 27Page - STMicroelectronics L9305 Datasheet HTML 28Page - STMicroelectronics L9305 Datasheet HTML 29Page - STMicroelectronics L9305 Datasheet HTML 30Page - STMicroelectronics L9305 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
EN_DR
Driver configuration status
Channel status
[1]
[0]
HIGH
1
0
Driver ON in PWM mode,Off Diagnosis disabled and
Masked
HIGH
1
1
Driver ON in Full ON mode,Off Diagnosis disabled
and Masked
Disabled Mode: Driver is kept disabled. No supply is present onto the driver; off diagnosis is masked and cannot
be enabled.
Tristate Mode: Driver is supplied and kept in Tristate: Hi impedance. Off state diagnostics
(Channel_x.Configuration) can be enabled.
PWM Mode: Driver is supplied and on. Off state diagnostics are masked. Load is driven by the PWM signal
applied to the INx pin. Depending on the selected configuration (HS or LS mode), the INx polarity is defined as
follows:
Table 13. INx polarity
Driver Configuration
Driver Status
INx Pin Status
HIGH
LOW
LOW Side
(load connected between VS_SOLx pin and LOAD_SOLx pin)
Low side FET
ON
OFF
High side FET
OFF
ON
HIGH Side
(load connected between LOAD_SOLx pin and GND_SOLx
pin)
Low side FET
OFF
ON
High side FET
ON
OFF
FULL_ON Mode: Driver is supplied and in FULL_ON mode. In this condition, the driver is kept on continuously,
until the FULL_ON mode is removed or a fault occurs.
6.3
Solenoid current control feedback
6.3.1
Average current
The solenoid current, as a result of internal current sensing, calibration correction and final average calculation
over an entire PWM period, is available for SPI reading from Channel_x.AVGCUR register. Independent of HW or
SW mode current control selection, the average current calculation cycle starts at each PWM switch ON event
and ends at the next PWM switch ON event. The average current calculated is immediately available to the SPI
output register through the dedicated 14-bit field in SPI register Channel_x.AVGCUR.
•
HILOAD = 0 → Normal current mode - Single bit resolution = 0.25 [mA]
AverageCurrent=2ComplemetAvgCur13:0 *0.25mA
•
HILOAD = 1 → High current mode - Single bit resolution = 0.33 [mA]
AverageCurrent=2ComplemetAvgCur13:0 *0.33mA
In case the Driver input signal is stuck high or low for a time period longer than Tpwm_max, the TMOUT warning
flag is set in Channel_x.PWMSENSE register and the average current is evaluated only for Tpwm_max. After
timeout, the average current and PWM code calculations restart automatically.
When CHx.SETPOINT=0000 and channel x is controlled Hardware mode (CONFIGURATION1.D[2]=0), then the
current measurement is disabled and AVGCUR always returns all ‘0’, even if channel x is driven full-on.
6.3.2
Integrator feedback
The current integrator output values are important feedback for proper selection of many control parameters. The
device provides integrator feedback through the Channel_x.INTOUT register. The content of Channel_x.INTOUT
register is determined in the Channel_x.INTGLIM register bits D[15:14]. The integrator feedback definition is
defined below:
L9305
Current control drivers
DS12774 - Rev 10
page 27/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com