Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 19Page - STMicroelectronics L9305 Datasheet HTML 20Page - STMicroelectronics L9305 Datasheet HTML 21Page - STMicroelectronics L9305 Datasheet HTML 22Page - STMicroelectronics L9305 Datasheet HTML 23Page - STMicroelectronics L9305 Datasheet HTML 24Page - STMicroelectronics L9305 Datasheet HTML 25Page - STMicroelectronics L9305 Datasheet HTML 26Page - STMicroelectronics L9305 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
Figure 12. Variable frequency algorithm
Limit
INTEGRAL
INTEGRAL
ZERO
1.1
1.05
1
0.95
0.9
2000
0
10.9
1.1
11.1
11.2
Time (ms)
11.3
11.4
11.5
11.6
-2000
-4000
F_INTEGRAL
F_INTEGRAL
Register
Z –1
+
+
KI
Current Control
Current
Set Point
Current
Set Point
Current
Measurement
+
F_Integrator
Register
Initial
Z –1
+
+
KFI
Comp
State
machine
SET
PWM
RES
Frequency Control
PWM Period
Set Point
Current
Measurement
+
Set Point Change
OR
Long Period Detection
+
Comp
PWM
Load Current
+
Integrator
GADG2709181227PS
In transient mode the integrator limits the INTEGRAL signal within user programmable limits, this guarantees the
fastest current transitions between different set points without showing over/undershoot. The integrator limits of
variable frequency control are not automatically calculated; the user-programmed parameters POSINTLIM and
NEGINTLIM are available for optimized positive and negative integrator limits.
In transient mode the F_INTEGRAL signal at the frequency integrator output is set to a programmable value with
the 3 control bits FINT_START (D[2:0] in KFREQCTRL register), in this way the F_INTEGRAL signal starts close
to its final value when exiting from transient mode.
To optimize the controller response for different applications, the following parameters must be programmed by
the user:
KI (Channel_x.KGAINS)
KFI (Channel_x.KFREQCTRL)
POSINTLIM & NEGINTLIM (Channel_x.INTGLIM)
Auto Limit (Channel_x.SETPOINT)
Transition Time (Channel_x.CTRLCFG)
Fint_Start (Channel_x.KFREQCTRL)
Programming values can be selected considering the following:
KI: Integral portion of the loop gain. It can be calculated as
KI=2KIsel
KFI: Integral portion of the frequency control loop gain. It can be calculated as
KFI=2KFIsel
POSINTLIM: Positive Integrator Saturation Limit. It can be calculated as
POSINTLIM=2POSINTLIMsel−1
NEGINTLIM: Negative Integrator Saturation Limit. It can be calculated as
NEGINTLIM=−2NEGINTLIMsel−1
AUTO_LIMIT:
If AUTOL_LIMIT_SEL = 0 → Transient mode is insensitive to changes of Current Set Point
If AUTOL_LIMIT_SEL = 1 → Any change in the current set point activates the transient mode
FINIT_START:
If FINIT_START_SEL = 0 →
FINITSTART=0
If FINIT_START_SEL >0 →
FINITSTART=NEGINTLIM*2FINITSTARTsel−7
L9305
Current control drivers
DS12774 - Rev 10
page 23/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com