Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 27Page - STMicroelectronics L9305 Datasheet HTML 28Page - STMicroelectronics L9305 Datasheet HTML 29Page - STMicroelectronics L9305 Datasheet HTML 30Page - STMicroelectronics L9305 Datasheet HTML 31Page - STMicroelectronics L9305 Datasheet HTML 32Page - STMicroelectronics L9305 Datasheet HTML 33Page - STMicroelectronics L9305 Datasheet HTML 34Page - STMicroelectronics L9305 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
By default, diagnostic pull up/down current sources are disabled and comparator outputs are masked by internal
logic. To enable OFF state diagnostics, the channel must be in tri-state (set in the SOLENDRV register Solenoid
Driver State_x[1:0]=01) and enabled using register Channel_x.CONFIGURATION1, bit [5]. In case the desired
channel is put in tri-state after operation a false diagnostic can be sensed due to the time needed to discharge
output voltage through the load. To avoid incorrect fault detection, the fault comparators are masked for td_blank
filter time. The diagnostic blanking time is programmable through SPI register Channel_x.CONFIGURATION1, bit
D[9]. Blanking time is programmable to best align with external load values and ESD capacitor connected to the
output pin. Fault conditions are latched and cleared on SPI read, however they do not prevent from enabling the
solenoid channels. OFF state diagnostic comparators are the same for both HS and LS configuration and their
output is decoded from internal logic to set the SPI fault bits (Channel_x.EXCEPTIONS1) according to the
following tables
Table 14. LS diagnostic truth table
Comparator output
Fault detection
Exception registers
DIAGOL
DIAGLV
OPEN LOAD
SHORT
0
0
Normal operation – no fault-
0
0
0
1
Not possible
0
0
1
0
Open load
1
0
1
1
Short to ground
0
1
Table 15. HS diagnostic truth table
Comparator output
Fault detection
Exception registers
DIAGOL
DIAGLV
OPEN LOAD
SHORT
0
0
Short to Battery
0
1
0
1
Not possible
0
0
1
0
Open load
1
0
1
1
Normal operation – no fault-
0
0
6.5
Valve driver electrical specifications
4.75 V ≤ VDD ≤ 5.5 V; 5.5 V ≤ VBATP ≤ 19 V; VS_SOLx ≤ 19 V; VBATP-1 V ≤ VS_SOLx ≤ VBATP+1 V; -40 °C ≤
Tj ≤ 175 °C unless otherwise noted. All voltages refer to GNDA pin.
Table 16. Valve driver power stage electrical parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Solenoid driver power stage
Irev_VSx
VSx reverse current
Application note: in the application condition, no
impact on other functions, no reset generation
-3
–
–
A
VS_SOLx
Irev_LOADx
LOADx reverse
current
Application note: in the application condition, no
impact on other functions, no leakage from nearby
pins, no reset generation
-3
–
–
A
LOAD_SOLx
VSx_lkg
VSx current leakage
stby
Output disabled, VDD = 0 V, VS_SOLx = 13 V
-1
–
1
µA
VS_SOLx
LOADx_lkg
LOADx current
leakage tristate
Output disabled, VDD = 5 V, VS_SOLx = 13 V,
LOAD_SOLx = VS_SOLx or GND
-140
–
100
µA
LOAD_SOLx
HS_RdsON
High side RdsON
Tj = 150 °C, ILOAD = 1 A
–
–
0.33
Ω
LOAD_SOLx
HS_RdsON
High side RdsON
Tj = 175 °C, ILOAD = 1 A
–
–
0.375
Ω
LOAD_SOLx
LS_RdsON
Low side RdsON
Tj = 150 °C, ILOAD = 1 A
–
–
0.33
Ω
LOAD_SOLx
L9305
Current control drivers
DS12774 - Rev 10
page 31/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com