Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics L9305 Datasheet HTML 16Page - STMicroelectronics L9305 Datasheet HTML 17Page - STMicroelectronics L9305 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
5
Power supply
5.1
Overview
The L9305 has multiple supply pins. Internal circuits are powered from VDD (+5 V) and VBATP (reverse battery
protected) while digital I/O pins are powered from VDDIO (3.3 V or 5 V) for consistency with the main
microcontroller I/O operation. The charge pump regulator is sourced from VBATP and supplies the necessary
voltage source for the high side integrated valve drivers and fail safe pre-drivers.
5.2
Battery supply (VBATP)
This pin is the supply for the charge pump and must be connected to the reverse polarity protected battery
voltage supply. VBATP input voltage is diagnosed for over voltage conditions. The status of this diagnostic is
readable by SPI. Refer to Section 8.1.2: VBATP supply over voltage for additional information. The following table
summarizes the functional ranges dependent on battery supply voltage.
Table 8. VBATP electrical performance
Symbol
Parameter
Test condition
Min Typ Max Unit
VBATP operational
Normal operating voltage range(1)
Tamb = 40 °C, 4.75 V ≤ VDD ≤ 5.5 V
5.5
–
19
V
Tamb = 27 °C, 4.75 V ≤ VDD ≤ 5.5 V
5.55
–
19
V
Tamb = 125 °C, 4.75 V ≤ VDD ≤ 5.5 V
5.6
–
19
V
VBATP double/load dump High voltage range(2)
Tamb ≤ 50 °C, 4.75 V ≤ VDD ≤ 5.5 V
19
–
36
V
VBATP over voltage
Over voltage range(3)
Tamb ≤ 50 °C, 4.75 V ≤ VDD ≤ 5.5 V
36
–
40
V
VBATP low voltage
Low Voltage Range Cranking(4)
Tamb = -40 °C, 4.75 V ≤ VDD ≤ 5.5 V
–
–
5.5
V
Tamb = 27 °C, 4.75 V ≤ VDD ≤ 5.5 V
–
–
5.55
V
Tamb = 125 °C, 4.75 V ≤ VDD ≤ 5.5 V
–
–
5.6
V
1. Device is capable of full functional operation; VBATP must be reversed battery protected
2. Device is capable of full functional operation at Ta ≤ 50 °C with possible degradation of electrical parameters linked to
battery line (ex. solenoid slew rate control and current regulation accuracy); There will be no damage to the device, no false
operation and input pins will withstand voltage and current defined in Absolute ratings regardless of battery voltage range.
Full functional operation will resume without operator intervention when battery voltage returns to Normal Operating Voltage
Range at Ta ≤ 50 °C.
3. Ta ≤ 50 °C, duration less than 500 ms. There will be no damage to the device, Solenoid channels and Fail Safe switch will
be disabled and input pins will withstand voltages and currents defined in Absolute ratings regardless of battery voltage
range. Full functional operation will resume with operator intervention, as described in the specification, when battery
voltage returns to normal operating voltage range.
4. Device is capable of full functional operation until charge pump is out of under voltage condition with possible degradation of
electrical parameters linked to battery line (ex. solenoid slew rate control and current regulation accuracy). Full functional
operation will resume without operator intervention when battery voltage returns to normal operating voltage range.
5.3
Load supplies (VSOL1, VSOL2, VSOL3 & VSOL4)
The VSOLx pins are connected to the high side of the solenoid load when the output drivers are configured for
low side operation. In low side operation, VSOLx provides power to the load and recirculation path through the
high side driver. When the output drivers are configured for high side operation, the VSOLx pin becomes the
power source for driving the load thru the high side solenoid driver transistor. In this case, load current is
recirculated through the corresponding low side driver. VSOLx pins are independent for each solenoid driver
channel. Solenoid driver operation and configuration are detailed in Section 6.4: Solenoid driver and load
diagnostic.
L9305
Power supply
DS12774 - Rev 10
page 14/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com