Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 9Page - STMicroelectronics L9305 Datasheet HTML 10Page - STMicroelectronics L9305 Datasheet HTML 11Page - STMicroelectronics L9305 Datasheet HTML 12Page - STMicroelectronics L9305 Datasheet HTML 13Page - STMicroelectronics L9305 Datasheet HTML 14Page - STMicroelectronics L9305 Datasheet HTML 15Page - STMicroelectronics L9305 Datasheet HTML 16Page - STMicroelectronics L9305 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
4.6
Input / output electrical specifications
4.75 V ≤ VDD ≤ 5.5 V; 5.5 ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to GNDA
pin.
Table 7. Digital input/output electrical performance
Symbol
Parameter
Test condition
Min
Typ Max Unit
Pin
EN_DR_low
Logic input low detection
0.75
EN_DR
EN_DR_high
Logic Input high detection
1.75
V
EN_DR
EN_DR_hyst
Input hysteresis voltage
0.1
V
EN_DR
EN_DR_pd
Inter pull down resistance
VIN < 3V
10
38
70
kΩ
EN_DR
EN_DR_deglitch
EN_DR deglitch filter
Guaranteed by scan
9
12
µs
EN_DR
EN_DR_test_low
Logic input low detection
6
EN_DR
EN_DR_test_high
Logic input high detection
9
V
EN_DR
EN_DR_test_hyst
Input hysteresis voltage
0.1
V
EN_DR
INx_DISx_low
Logic Input low detection
0.75
V
INx_DISx
INx_DISx_high
Logic input high detection
1.75
V
INx_DISx
INx_DISx_hyst
Input hysteresis voltage
0.1
V
INx_DISx
INx_DISx_pd
Inter pull down resistance
VIN < 3V
10
38
70
kΩ
INx_DISx
INx_DISx_deglitch_SW Actuation deglitch in SW mode
Guaranteed by scan
3
3.5
3.9
µs
INx_DISx
INx_DISx_deglitch_HW Disable deglitch in HW mode
Guaranteed by scan
1.2
1.5
1.7
µs
INx_DISx
RESn_low
Logic input low detection
0.75
RESn
RESn_high
Logic input high detection
1.75
V
RESn
RESn_hyst
Input hysteresis voltage
0.1
V
RESn
RESn_pd
Inter pull down resistance
VIN < 2.5V
10
38
70
kΩ
RESn
RESn_deglitch
RESn deglitch filter
Guaranteed by scan
4.5
5
7
µs
RESn
FAULTn_Ileak
Leakage current in tri-state
condition
10
FAULTn
FAULTn_low
Logic low level
Ext pull-up 4.7k to VDDIO
0.4
FAULTn
FAULTn_high
Logic high level
Ext pull-up 4.7k to VDDIO
VDDIO-0.4
V
FAULTn
FAULTn_trise
FAULTn rise time
Ext pull-up 4.7k to VDDIO,
Cload=20pF,tested by correlation
100
ns
FAULTn
FAULTn_tfall
FAULTn fall time
Ext pull-up 4.7k to VDDIO,
Cload=20pF
100
ns
FAULTn
L9305
Input / Output
DS12774 - Rev 10
page 13/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com