Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 2Page - STMicroelectronics L99VR02J Datasheet HTML 3Page - STMicroelectronics L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
2.2
Thermal data
2.2.1
Thermal resistance
Table 3. Operation junction temperature
Item
Symbol
Parameter
Value
Unit
A.001
Rthj-case(1)
Junction to case thermal resistance
8
°C/W
A.002
Rthj-PCB (2)
Junction to PCB thermal resistance
10
°C/W
A.003
Rthj-amb(3)
Junction to ambient thermal resistance
25.5
°C/W
1. Measured on the bottom.
2. Standard JEDEC 51.8.
3. Measured on four layers.
Note:
The values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm
(outer layers). Cu thickness 0.035 mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter
0.3 mm +/-0.08 mm, Cu thickness on vias 0.025 mm, footprint dimension 2.2 mm x 2.9 mm.
2.2.2
Thermal protection
Table 4. Temperature threshold
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.004
Tprot(1)
Thermal protection temperature
175
205
°C
A.005
Tprot_hyst
Thermal protection hysteresis
11
°C
A.006
TJ
Operating junction temperature
TJ
-40
175
°C
A.007
Tstg
Storage temperature
Tstg
150
°C
1. Thermal protection is guaranteed by design and characterization.
L99VR02J
Thermal data
DS14076 - Rev 1
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com