Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics L99VR02J Datasheet HTML 12Page - STMicroelectronics L99VR02J Datasheet HTML 13Page - STMicroelectronics L99VR02J Datasheet HTML 14Page - STMicroelectronics L99VR02J Datasheet HTML 15Page - STMicroelectronics L99VR02J Datasheet HTML 16Page - STMicroelectronics L99VR02J Datasheet HTML 17Page - STMicroelectronics L99VR02J Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Figure 15. Output voltage vs enable voltage (VO = 1.5 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
1.5 V
VEN(V)
Figure 16. Output voltage vs enable voltage (VO = 1.8 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.8 V
VEN(V)
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
Figure 17. Output voltage vs enable voltage (VO = 2.5 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5 V
VEN(V)
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
Figure 18. Output voltage vs enable voltage (VO = 2.8 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.8 V
VEN(V)
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
Figure 19. Output voltage vs enable voltage (VO = 3.3 V)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.3 V
VEN(V)
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
Figure 20. Output voltage vs enable voltage (VO = 5 V)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
5 V
VEN(V)
V0(V)
Io = 250 mA
Ta = 25 ⁰C
Vs = 13.5 V
L99VR02J
Electrical characteristics curves
DS14076 - Rev 1
page 14/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com