Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 21Page - STMicroelectronics L99VR02J Datasheet HTML 22Page - STMicroelectronics L99VR02J Datasheet HTML 23Page - STMicroelectronics L99VR02J Datasheet HTML 24Page - STMicroelectronics L99VR02J Datasheet HTML 25Page - STMicroelectronics L99VR02J Datasheet HTML 26Page - STMicroelectronics L99VR02J Datasheet HTML 27Page - STMicroelectronics L99VR02J Datasheet HTML 28Page - STMicroelectronics L99VR02J Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
4.9
Fast output discharge
To assure a quick discharge of the external capacitor tied to the output pin down to around 1.3 V the L99VR02J
uses an internal pulldown circuit. Activated each time the EN pin goes low, during thermal shutdown and during
undervoltage lockout, the output current flows through the pulldown resistor of the fast output discharge circuit to
the ground. The fast output discharge feature is available for the output voltages,
VO = 2.5 V (SELx = [1;0;0]); VO = 2.8 V (SELx = [1;0;1]); VO = 3.3 V (SELx = [1;1;0]) and VO = 5 V (SELx =
[1;1;1]).
4.10
Undervoltage lockout UVLO
The undervoltage lockout (UVLO) circuit allows a fast regulating element to turn off (activating the internal fast
output discharge circuit). This if the input voltage drops below the threshold, VUVLO_fall, avoiding an undesired
unknown output state during low input voltage. When the input voltage is above the VUVLO_rise threshold, the
regulating element is again turned on.
Figure 42. Undervoltage lock out on output voltage
VS
VO
VUVLO_rise
VUVLO_fall
L99VR02J
Fast output discharge
DS14076 - Rev 1
page 25/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com