Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 19Page - STMicroelectronics L99VR02J Datasheet HTML 20Page - STMicroelectronics L99VR02J Datasheet HTML 21Page - STMicroelectronics L99VR02J Datasheet HTML 22Page - STMicroelectronics L99VR02J Datasheet HTML 23Page - STMicroelectronics L99VR02J Datasheet HTML 24Page - STMicroelectronics L99VR02J Datasheet HTML 25Page - STMicroelectronics L99VR02J Datasheet HTML 26Page - STMicroelectronics L99VR02J Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Table 13. Watchdog timer
Usage of watchdog timer
Connection of VCW pin
Watchdog timer is not used
Connect to the VO pin
Watchdog timer is used
Connect to an external capacitor Ctw
4.7
Thermal warning and thermal shutdown
To warn the microcontroller about a severe temperature increase, a thermal warning output has been
implemented. If the device detects a junction temperature above Twarn, the advanced thermal warning (TW)
output pin is pulled low while the voltage regulator, and its features remain all active. The TW pin returns to its
high logic level (equal to the VO output value) once the temperature falls below the threshold Twam - Twam_hyst.
Figure 39. Thermal warning diagram
When junction temperature reaches the Tprot thermal shutdown threshold the regulator output is quickly shut-off
through the internal fast output discharge circuit; to be reactivated, junction temperature has to decrease below
Tprot- Tprot_hyst. Being TW an open-drain output an external resistance (RTW) is needed between the TW pin
and the VO pin. The external resistance value can be in a range between 4.7 KΩ and 20 KΩ. Be aware that
the current flowing through the TW pin drawn from VO when the TW pin is pulled low may affect the watchdog
activation/deactivation based on the regulator output current consumption monitoring. Leave floating if not used.
L99VR02J
Thermal warning and thermal shutdown
DS14076 - Rev 1
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com