Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics L99VR02J Datasheet HTML 12Page - STMicroelectronics L99VR02J Datasheet HTML 13Page - STMicroelectronics L99VR02J Datasheet HTML 14Page - STMicroelectronics L99VR02J Datasheet HTML 15Page - STMicroelectronics L99VR02J Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
2.4
Electrical characteristics curves
Figure 3. Output voltage vs Tj
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
0
20
40
60
80
100
120
140
160
V0(V)
Tj (⁰C)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
Io = 1 mA
V = 13.5 V
Figure 4. Output voltage vs VS
V0(V)
5V
2.8V
3.3V
2.5V
1.8V
1.5V
1.2V
0.8V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
5
6
7
8
Io = 250 mA
Ta = 25 °C V
VS(V)
Figure 5. Drop voltage vs output current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
350
400
450
500
Vdp(V)
5V
3V3
2V8
2V5
1V8
Ta = 25 °C
Io (mA)
Figure 6. Current consumption vs output current
I
qn (mA)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
20
40
60
80 100 120 140 160 180 200 220 240 260 280 300 320 340 360 380 400 420 440
Vs = 13.5 V
Ta = 25 °C
460 480 500
Iout(mA)
Figure 7. Current consumption vs input voltage
(Io < 1 mA)
I
qn (mA)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
VS(V)
0.0
0.1
0.2
0.3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Io < 1 mA
Ta = 25 °C
Figure 8. Current consumption vs
input voltage (Io = 50 mA)
I
qn (mA)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
0.0
0.5
1.0
1.5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS(V)
Io = 50 mA
Ta = 25 °C
L99VR02J
Electrical characteristics curves
DS14076 - Rev 1
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com