Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 13Page - STMicroelectronics L99VR02J Datasheet HTML 14Page - STMicroelectronics L99VR02J Datasheet HTML 15Page - STMicroelectronics L99VR02J Datasheet HTML 16Page - STMicroelectronics L99VR02J Datasheet HTML 17Page - STMicroelectronics L99VR02J Datasheet HTML 18Page - STMicroelectronics L99VR02J Datasheet HTML 19Page - STMicroelectronics L99VR02J Datasheet HTML 20Page - STMicroelectronics L99VR02J Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
3
Test circuit and waveforms plot
3.1
Load regulation
Figure 28. Load regulation test circuit
Vs
E N
Ishort
R ST
SEL 1
Vcw
Wi
GND
C tw
R sh
Vo
SEL 2
TW
Vbat
SEL 3
C 1
C 2
R
RST
3.3 µF
ESR
LOAD
Vo
Io
+
-
0
250
750
1000
200
100
0
Time (µs)
Step Change of Load
Current
0
250
750
1000
xx
x
0
Time (µs)
Resultant
Output Voltage
Figure 29. Maximum load variation response (Vo = 5 V)
Figure 30. Maximum load variation response (Vo = 3.3 V)
L99VR02J
Test circuit and waveforms plot
DS14076 - Rev 1
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com