Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 15Page - STMicroelectronics L99VR02J Datasheet HTML 16Page - STMicroelectronics L99VR02J Datasheet HTML 17Page - STMicroelectronics L99VR02J Datasheet HTML 18Page - STMicroelectronics L99VR02J Datasheet HTML 19Page - STMicroelectronics L99VR02J Datasheet HTML 20Page - STMicroelectronics L99VR02J Datasheet HTML 21Page - STMicroelectronics L99VR02J Datasheet HTML 22Page - STMicroelectronics L99VR02J Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
The ESR of the SMD output ceramic capacitor has a negligible effect on the stability of the L99VR02J for
capacitors with low ESR. A ceramic SMD capacitor is recommended on the VO pin.
4.1
Voltage regulator
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this structure, a very
low dropout voltage at current up to IO = 500 mA is obtained. The high-precision of the output voltage (±2%)
is obtained with a pretrimmed reference voltage. The voltage regulator automatically adapts its own quiescent
current to the output current level. In light load conditions, the quiescent current goes down to Iqn_LL = 105 µA
(low consumption mode). L99VR02J operates with reduced input voltage (post regulation) minimizing the internal
power dissipation and maximizing the output current.
4.2
Output current limitation
Output current limitation is present to protect the regulator and the application from the overload condition, such
as short to ground.
Figure 33. Behavior of output current versus regulated voltage VO
The Ishort current can be set in the range from 220mA (typ) to 815mA (typ). This through an external resistor Rsh
connected between the Ishort pin and the ground.
Figure 34. Ishort versus Rsh
L99VR02J
Voltage regulator
DS14076 - Rev 1
page 19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com