Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics L99VR02J Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.012
VS, VO
∆VO / VO
Dynamic line regulation(3)
VS is from VS_Low(2) to
18 V, Tr, f = 1 ms; IO =
1 mA; 250 mA; 500 mA,
VO= 3.3 V; 5 V
3
%
A.013
VO
∆VO / VO
Static load regulation (4)
IO = 1 mA to 250 mA,
VO = 3.3 V for VS = 5 V,
VO = 5 V for VS = 6 V
1
%
Dynamic load regulation(3)(4)
IO = 10 mA to 250 mA, Tr,
f = 10 us, VO = 3.3 V for
VS = 5 V, VO = 5 V for VS
= 6 V
3
%
A.014
VS, VO
Vdp
Drop voltage(5)
IO = 500 mA, VO = 5 V
500
mV
IO = 500 mA, VO = 3.3 V
IO = 500 mA, VO = 2.8 V
IO = 500 mA, VO = 2.5 V
IO = 500 mA, VO = 1.8 V
A.015
VS, VO
PSRR
Power supply rejection ratio
VS = 13.5 V, VO = 5 V, IO
= 500 mA, f = 1 kHz
75(3)
dB
A.016
VS, VO
Iqn
Current consumption with
regulator disabled
Iqn = IVs – IO
VS = 3.5 V; 13.5 V,
EN = low
1
µA
A.057
VS, VO
Iqn_LL
Current consumption with
regulator enabled
Iqn_LL = IVs – IO
VS = 3.5 V; 13.5 V,
IO = 0 µA, EN = high
105
130
µA
A.017
VS, VO
Iqn_0
Current consumption with
regulator enabled
Iqn_0 = IVs – IO
VS = 3.5 V; 13.5 V,
0 < IO ≤ 60 µA, EN = high
140
180
µA
A.018
VS, VO
Iqn_50
Current consumption with
regulator enabled
Iqn_50 = IVs – IO
VS = 3.5 V; 13.5 V,
IO = 50 mA, EN = high
0.55
0.9
mA
A.019
VS, VO
Iqn_150
Current consumption with
regulator enabled
Iqn_150 = IVs – IO
VS = 3.5 V; 13.5 V,
IO = 150 mA, EN = high
1
1.5
mA
A.020
VS, VO
Iqn_250
Current consumption with
regulator enabled
Iqn_250 = IVs – IO
VS = 3.5 V; 13.5 V,
IO = 250 mA, EN = high
1.05
2
mA
A.021
VS, VO
Iqn_500
Current consumption with
regulator enabled
Iqn_500 = IVs – IO
VS = 3.5 V; 13.5 V,
IO = 500 mA, EN = high
1.4
2.5
mA
A.022
VS
VUVLO_fall
Undervoltage lockout, falling
VO= 0.8 V; 1.2 V; 1.5 V;
1.8 V
1.5
1.6
1.7
V
VO = 2.5 V; 2.8 V; 3.3 V
2.3
2.4
2.55
VO = 5 V
4.6
4.8
5.0
A.023
VS
VUVLO_ rise
Undervoltage lockout, rising
VO = 0.8 V; 1.2 V; 1.5 V;
1.8 V
1.7
1.8
2.1
V
VO = 2.5 V; 2.8 V; 3.3 V
2.6
2.7
2.8
VO = 5 V
4.9
5.1
5.3
1. IShort typical value of 120 mA for t = 400 µs during the power on.
2. VS_Low = 3.5 V at VO = 0.8 V; 1.2 V;1.5 V;1.8 V and 2.5 V, VS_Low = 5 V at VO= 2.8 V and 3.3 V, VS_Low= 6 V at VO = 5 V
L99VR02J
Electrical characteristics
DS14076 - Rev 1
page 8/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com