Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 22Page - STMicroelectronics L99VR02J Datasheet HTML 23Page - STMicroelectronics L99VR02J Datasheet HTML 24Page - STMicroelectronics L99VR02J Datasheet HTML 25Page - STMicroelectronics L99VR02J Datasheet HTML 26Page - STMicroelectronics L99VR02J Datasheet HTML 27Page - STMicroelectronics L99VR02J Datasheet HTML 28Page - STMicroelectronics L99VR02J Datasheet HTML 29Page - STMicroelectronics L99VR02J Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
4.11
Support to ISO26262
Even if not designed as the safety HW element, the device contains some features that can be used to support
the application that needs to fulfill functional safety requirements. Analysis of the IC’s capability to reach the
required safety level, should be made at system level under user responsibility.
The following device safety requirements have been considered for a typical application:
Table 14. Safety requirement
ID
Description
SR-001
Operation of voltage regulator is allowed until over the temperature limit.
SR-002
Operation of voltage regulator is enabled until the programmed current limit is
reached.
SR-003
Output voltage of regulator shall remain within programmed range when the RST
pin is not asserted.
SR-004
Output voltage of the regulator shall remain within programmed range when the
square wave at the TW pin is not generated.
Based on the above requirements list the following safety mechanism has been implemented:
Table 15. Implemented safety mechanism
ID
Description
SR covered
SM1
Thermal sensor acting by the TW pin
SR-004
SM2
Overtemperature protection
SR-001
SM3
Limitation on maximum output current
SR-002
SM4
Output voltage VO monitoring for
undervoltage detection
SR-002
SM5
Output voltage VO monitoring for
overvoltage detection
SR-002
SM6
RST reset assertion in case of VO
undervoltage detection
SR-003
In addition to the internal watchdog for checking the correct operation of the microcontroller, it can be considered
a system-level safety mechanism.
More details about functional safety can be found in the device safety manual, provided on customer request.
L99VR02J
Support to ISO26262
DS14076 - Rev 1
page 26/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com