Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics L99VR02J Datasheet HTML 12Page - STMicroelectronics L99VR02J Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
3. Parameters are guaranteed by design.
4. Referred to Section 3.1 .
5. Considering that the minimum operating input voltage is 2.15 V, the dropout voltage (Vdp) is not defined for output voltages
below 1.8 V.
Table 6. Fast output discharge
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.024
VO
RFD
Fast discharge - pull
down resistor
VS = 3.95 V; 13.5 V,
VO = 3.3 V; 5 V, EN = low
50
75
120
Ω
Table 7. Reset
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.025 RST
Vrst_l
Reset output low
voltage
VS = 5 V; 13.5 V,
Rext ≥ 4.7 KΩ to VO,
VO = 3.3 V; 5 V
0.2 x VO
V
A.026 RST
Irst_lkg
Reset output high
leakage current
Vrst = 0.8 V
1
µA
A.027 RST
VO_th
VO out of regulation,
low threshold
VS = 5 V, 13.5 V,
VO decreasing,
VO = 3.3 V; 5 V
13.5%
10%
6.5%
Below VO
A.055 RST
VO_th_hyst
VO out of regulation–
low threshold
hysteresis
VS = 5 V; 13.5 V, VO
increasing, VO = 3.3
V; 5 V
2%
VO_th
A.028 RST
Trr
Reset reaction time
VS = 5 V; 13.5 V,
VO = 3.3 V; 5 V
10
16
37
µs
A.029 RST
Trd
Reset delay time
VS = 5 V; 13.5 V,
VO = 3.3 V; 5 V
160(1)
250
310
µs
1. Trd = 120 µs for VS < 3.5 V.
L99VR02J
Electrical characteristics
DS14076 - Rev 1
page 9/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com