Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics L99VR02J Datasheet HTML 12Page - STMicroelectronics L99VR02J Datasheet HTML 13Page - STMicroelectronics L99VR02J Datasheet HTML 14Page - STMicroelectronics L99VR02J Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Table 11. Thermal warning and protection
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.049
TW
VTw_low
Thermal warning
output low voltage
Rext ≥ 4.7 kΩ to VO,
VO = 3.3 V; 5 V
0.2 x VO
V
A.050
TW
Twarn
Thermal warning
temperature
140
150
165
°C
A.051
TW
Twarn_hyst
Thermal warning
hysteresis
3
11
15
°C
A.052
VO
OV
VO overvoltage
VS = 5 V; 13.5 V,
VO increasing,
VO = 3.3 V; 5 V
6.5%
10%
13.5%
Above VO
A.056
VO
OV_hyst
VO overvoltage
hysteresis
VS = 5 V; 13.5 V,
VO decreasing,
VO = 3.3 V; 5 V
2%
Below OV
A.054
TW
Tw_per
Thermal warning
square wave period
VS = 5 V; 13.5 V,
VO = 3.3 V; 5 V
160(1)
250
335
µs
1. Tw_per = 130 µs for VS < 3.5 V.
Note:
All parameters are guaranteed in the junction temperature range -40°C to 150 °C (unless otherwise specified).
L99VR02J device is still operative and functional at higher temperatures (up to 175 °C). Parameters limit at
junction temperature above 150 °C may change respect to what is specified as per the standard temperature
range. Device functionality at high junction temperature is guaranteed by characterization. All parameters are
guaranteed by design for VO not reported in test condition.
Note:
Minimum input voltage values are achievable adopting an input ceramic capacitator: C5750X7R2A475M230KA–
ceramic capacitor multistrate SMD, 4.7 μF, 100 V, ±20%, X7R, C series TDK.
L99VR02J
Electrical characteristics
DS14076 - Rev 1
page 11/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com