Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 2 Page - STMicroelectronics

  L99VR02J Datasheet HTML 1Page - STMicroelectronics L99VR02J Datasheet HTML 2Page - STMicroelectronics L99VR02J Datasheet HTML 3Page - STMicroelectronics L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Description
L99VR02J is a low dropout linear voltage regulator designed for automotive applications available in
PowerSSO-12 packages. The LDO delivers up to 500 mA of load current. It consumes as low as 1 μA of
quiescent current when the regulator is disabled. The input is 40 V tolerant to withstand load dump, while the
operating input voltage range is between 2.15 V and 28 V.
The L99VR02J can be configured, through SELx pins, to generate a fixed selectable output voltage (0.8 V; 1.2 V;
1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or 5 V). High output voltage accuracy (±2%) is kept over wide temperature range,
line, and load variation.
The L99VR02J features enable, reset, autonomous watchdog, advanced thermal warning, fast output discharge,
and Ishort control. The regulator output current is internally limited. The device is protected against short-circuit
and overload, besides it features over temperature protection. The short current value is configurable by an
external resistance.
The L99VR02J can operate both in post regulation, attached to a preregulated voltage or directly connected to the
battery.
L99VR02J
DS14076 - Rev 1
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com