Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99VR02J Datasheet HTML 3Page - STMicroelectronics L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics L99VR02J Datasheet HTML 8Page - STMicroelectronics L99VR02J Datasheet HTML 9Page - STMicroelectronics L99VR02J Datasheet HTML 10Page - STMicroelectronics L99VR02J Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
2.3
Electrical characteristics
Values specified in this section are for VS = 2.15 V to 18 V, TJ = - 40 °C to +150 °C, unless otherwise stated.
Table 5. Electrical characteristics
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.008
VO
VO
Output voltage
VS = 2.15 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [0;0;0]
0.784
0.8
0.816
V
VS = 2.15 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [0;0;1]
1.176
1.2
1.224
VS = 2.15 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [0;1;0]
1.470
1.5
1.530
VS = 2.45 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [0;1;1]
1.764
1.8
1.836
VS = 3.15 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [1;0;0]
2.450
2.5
2.550
VS = 3.45 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [1;0;1]
2.744
2.8
2.856
VS = 3.95 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [1;1;0]
3.234
3.3
3.366
VS = 5.65 to 18 V,
IO = 1 to 500 mA,
SEL_CONF = [1;1;1]
4.9
5
5.1
A.009
VO
IO
DC output current
VO = 0.8 V; 1.2 V, 1.5 V;
1.8 V; 2.5 V; 2.8 V; 3.3 V;
5 V
500
mA
A.010
VO
Ishort
Short-circuit current lower
value(1)
VS = 4 V for VO = 3.3 V,
VS = 5.8 V for VO = 5 V,
with Ishort pin connected
to GND
120
220
320
mA
A.011
VO
Ishort
Short-circuit current upper
value
VS = 4 V for VO = 3.3 V,
VS = 5.8 V for VO = 5
V, with Ishort pin floating;
Ishort > IO
545
815
1085
mA
A.012
VS, VO
∆VO / VO
Static line regulation
VS is from VS_Low(2) to
18 V, IO = 1 mA; 250 mA;
500 mA,
VO = 3.3 V; 5 V
1
%
L99VR02J
Electrical characteristics
DS14076 - Rev 1
page 7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com