Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 55Page - STMicroelectronics SPC563M64X Datasheet HTML 56Page - STMicroelectronics SPC563M64X Datasheet HTML 57Page - STMicroelectronics SPC563M64X Datasheet HTML 58Page - STMicroelectronics SPC563M64X Datasheet HTML 59Page - STMicroelectronics SPC563M64X Datasheet HTML 60Page - STMicroelectronics SPC563M64X Datasheet HTML 61Page - STMicroelectronics SPC563M64X Datasheet HTML 62Page - STMicroelectronics SPC563M64X Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
eMIOS[15]
IRQ[1]
GPIO[194]
eMIOS Ch.
External Interrupt Request
GPIO
PCR[194]
01
10
00
O
I
I/O
VDDEH6a
Slow
– / WKPCFG
– / WKPCFG
—
79
eMIOS[23]
GPIO[202]
eMIOS Ch.
GPIO
PCR[202]
01
00
I/O
I/O
VDDEH6a
Slow
– / WKPCFG
– / WKPCFG
65
80
Clock Synthesizer
XTAL
Crystal Oscillator Output
—
—
O
VDDEH6a
O / –
XTAL(28) / –
76
93
EXTAL
EXTCLK
Crystal Oscillator Input
External Clock Input
—
—
I
VDDEH6a
I / –
EXTAL(29)/ –
75
92
Power / Ground
VDDPLL
PLL Supply Voltage
—
—
I
VDDPLL
(1.2V)
I / –
—
74
91
VSSPLL(30)
PLL Ground
—
—
I
VSSPLL
I / –
—
77
94
VSTBY
Power Supply for Standby
RAM
—
—
I
VSTBY
I / –
—
12
12
VRC33
3.3V Voltage Regulator
Bypass Capacitor
—
—
O
VRC33
O / –
—
13
13
VRCCTL
Voltage Regulator Control
Output
——
O
NA
O / –
—
11
11
VDDA(31)
Analog Power Input for
eQADC
—
—
I
VDDA (5.0 V)
I / –
—
6
6
VDDA0
Analog Power Input for
eQADC
—
—
I
VDDA
I / –
—
—
—
VSSA0
Analog Ground Input for
eQADC
—
—
I
VSSA
I / –
—
—
—
Table 4. SPC563Mx signal properties (continued)
Name
Function(1)
Pad
Config.
Register
(PCR)(2)
PCR PA
Field(3)
I/O
Type
Voltage(4) /
Pad Type
Reset
State(5)
Function / State
After Reset(6)
Pin No.
LQFP
144
LQFP
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com