Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 20Page - STMicroelectronics SPC563M64X Datasheet HTML 21Page - STMicroelectronics SPC563M64X Datasheet HTML 22Page - STMicroelectronics SPC563M64X Datasheet HTML 23Page - STMicroelectronics SPC563M64X Datasheet HTML 24Page - STMicroelectronics SPC563M64X Datasheet HTML 25Page - STMicroelectronics SPC563M64X Datasheet HTML 26Page - STMicroelectronics SPC563M64X Datasheet HTML 27Page - STMicroelectronics SPC563M64X Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
24/128
DocID14642 Rev 12
2 write/byte enable (WE[0:1]/BE[0:1]) signals
Configurable bus speed modes
–
system frequency
–
1/2 of system frequency
–
1/4 of system frequency
Optional automatic CLKOUT gating to save power and reduce EMI
Selectable drive strengths; 10 pF, 20 pF, 30 pF, 50 pF
2.3.7
SIU
The SPC563Mxx SIU controls MCU reset configuration, pad configuration, external
interrupt, general purpose I/O (GPIO), internal peripheral multiplexing, and the system reset
operation. The reset configuration block contains the external pin boot configuration logic.
The pad configuration block controls the static electrical characteristics of I/O pins. The
GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU.
The reset controller performs reset monitoring of internal and external reset sources, and
drives the RSTOUT pin. Communication between the SIU and the e200z335 CPU core is
via the crossbar switch. The SIU provides the following features:
System configuration
–
MCU reset configuration via external pins
–
Pad configuration control for each pad
–
Pad configuration control for virtual I/O via DSPI serialization
System reset monitoring and generation
–
Power-on reset support
–
Reset status register provides last reset source to software
–
Glitch detection on reset input
–
Software controlled reset assertion
External interrupt
–
11 interrupt requests
–
Rising or falling edge event detection
–
Programmable digital filter for glitch rejection
–
Critical Interrupt request
–
Non-Maskable Interrupt request
GPIO
–
GPIO function on 80 I/O pins
–
Virtual GPIO on 64 I/O pins via DSPI serialization (requires external
deserialization device)
–
Dedicated input and output registers for setting each GPIO and Virtual GPIO pin
Internal multiplexing
–
Allows serial and parallel chaining of DSPIs
–
Allows flexible selection of eQADC trigger inputs
–
Allows selection of interrupt requests between external pins and DSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com