Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 78Page - STMicroelectronics SPC563M64X Datasheet HTML 79Page - STMicroelectronics SPC563M64X Datasheet HTML 80Page - STMicroelectronics SPC563M64X Datasheet HTML 81Page - STMicroelectronics SPC563M64X Datasheet HTML 82Page - STMicroelectronics SPC563M64X Datasheet HTML 83Page - STMicroelectronics SPC563M64X Datasheet HTML 84Page - STMicroelectronics SPC563M64X Datasheet HTML 85Page - STMicroelectronics SPC563M64X Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
82/128
DocID14642 Rev 12
VRH
SR
—
Analog reference high
voltage
—VDDA – 0.1
—
VDDA
V
VRH – VRL
SR
—
VREF differential
voltage
—
4.75
—
5.25
V
VDDF
SR
—
Flash operating
voltage (5)
—
1.14
—
1.32
V
VFLASH
(6)
SR
— Flash read voltage
—
4.75
—
5.25
V
VSTBY
SR
— SRAM standby voltage
Unregulated
mode
0.95
—
1.2
V
Regulated
mode
2.0
—
5.5
VDDREG
SR
—
Voltage regulator
supply voltage(7)
—
4.75
—
5.25
V
VDDPLL
SR
—
Clock synthesizer
operating voltage
—
1.14
—
1.32
V
VSSPLL – VSS
SR
—
VSSPLL to VSS
differential voltage
—
–100
—
100
mV
VIL_S
CC
C
Slow/medium pad I/O
input low voltage
Hysteresis
enabled
VSS–0.3
—
0.35*VDDEH
V
P
hysteresis
disabled
VSS–0.3
—
0.40*VDDEH
VIL_F
CC
C
Fast pad I/O input low
voltage
Hysteresis
enabled
VSS–0.3
—
0.35*VDDE
V
P
hysteresis
disabled
VSS–0.3
—
0.40*VDDE
VIL_LS
CC
C
Multi-voltage pad I/O
input low voltage in
low-swing
mode(8),(9),(10),(11)
Hysteresis
enabled
VSS–0.3
—
0.8
V
P
Hysteresis
disabled
VSS–0.3
—
1.1
VIL_HS
CC
C Multi-voltage pad I/O
input low voltage in
high-swing mode
Hysteresis
enabled
VSS–0.3
—
0.35 VDDEH
V
P
Hysteresis
disabled
VSS–0.3
—
0.4 VDDEH
VIH_S
CC
C
Slow/medium pad I/O
input high voltage
Hysteresis
enabled
0.65 VDDEH
—VDDEH+0.3
V
P
hysteresis
disabled
0.55 VDDEH
—VDDEH+0.3
VIH_F
CC
C
Fast pad I/O input high
voltage
Hysteresis
enabled
0.65 VDDE
—VDDE+0.3
V
P
hysteresis
disabled
0.55 VDDE
—VDDE+0.3
Table 23. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com