Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC563M64X Datasheet HTML 66Page - STMicroelectronics SPC563M64X Datasheet HTML 67Page - STMicroelectronics SPC563M64X Datasheet HTML 68Page - STMicroelectronics SPC563M64X Datasheet HTML 69Page - STMicroelectronics SPC563M64X Datasheet HTML 70Page - STMicroelectronics SPC563M64X Datasheet HTML 71Page - STMicroelectronics SPC563M64X Datasheet HTML 72Page - STMicroelectronics SPC563M64X Datasheet HTML 73Page - STMicroelectronics SPC563M64X Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
70/128
DocID14642 Rev 12
4.3
Thermal characteristics
8.
Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
9.
Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDEH supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage specifications.
10. Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage specifications.
11. Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
12. Total injection current for all analog input pins must not exceed 15 mA.
13. Lifetime operation at these specification limits is not guaranteed.
14. Solder profile per CDF-AEC-Q100.
15. Moisture sensitivity per JEDEC test method A112.
Table 10. Thermal characteristics for 144-pin LQFP
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(1)
Single layer board – 1s
43
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Four layer board – 2s2p
35
°C/W
RJMA
CC
D Junction-to-Ambient (@200 ft/min)(2)
Single layer board –1s
34
°C/W
RJMA
CC
D Junction-to-Ambient (@200 ft/min)(2)
Four layer board – 2s2p
29
°C/W
RJB
CC
D Junction-to-Board(2)
22
°C/W
RJCtop
CC
D Junction-to-Case (Top)(3)
8°C/W
JT
CC
D
Junction-to-Package Top, Natural
Convection(4)
2°C/W
1.
Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
2.
Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package.
3.
Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer.
4.
Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Table 11. Thermal characteristics for 176-pin LQFP
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection(1)
Single layer board - 1s
38
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection(2)
Four layer board - 2s2p
31
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
@200 ft./min., single
layer board - 1s
30
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient(2)
@200 ft./min., four layer
board - 2s2p
25
°C/W
RJB
CC
D Junction-to-Board(2)
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com