Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64X Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC563M64X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64X Datasheet(HTML) 1 Page - STMicroelectronics

  SPC563M64X Datasheet HTML 1Page - STMicroelectronics SPC563M64X Datasheet HTML 2Page - STMicroelectronics SPC563M64X Datasheet HTML 3Page - STMicroelectronics SPC563M64X Datasheet HTML 4Page - STMicroelectronics SPC563M64X Datasheet HTML 5Page - STMicroelectronics SPC563M64X Datasheet HTML 6Page - STMicroelectronics SPC563M64X Datasheet HTML 7Page - STMicroelectronics SPC563M64X Datasheet HTML 8Page - STMicroelectronics SPC563M64X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
This is information on a product in full production.
March 2016
DocID14642 Rev 12
1/128
SPC563M64x, SPC563M60x
32-bit Power Architecture® based MCU for automotive powertrain
applications
Datasheet
- production data
Features
 Single issue, 32-bit Power Architecture® Book
E compliant e200z335 CPU core complex
– Includes Variable Length Encoding (VLE)
enhancements for code size reduction
 32-channel Direct Memory Access controller
(DMA)
 Interrupt Controller (INTC) capable of handling
364 selectable-priority interrupt sources: 191
peripheral interrupt sources, 8 software
interrupts and 165 reserved interrupts.
 Frequency-Modulated Phase-Locked Loop
(FMPLL)
 Calibration External Bus Interface (EBI)(a)
 System Integration Unit (SIU)
 Up to 1.5 Mbyte on-chip Flash with Flash
controller
– Fetch Accelerator for single cycle Flash
access @80 MHz
 Up to 94 Kbyte on-chip static RAM (including
up to 32 Kbyte standby RAM)
 Boot Assist Module (BAM)
 32-channel second-generation enhanced Time
Processor Unit (eTPU)
– 32 standard eTPU channels
– Architectural enhancements to improve
code efficiency and added flexibility
 16-channels enhanced Modular Input-Output
System (eMIOS)
 Enhanced Queued Analog-to-Digital Converter
(eQADC)
 Decimation filter (part of eQADC)
 Silicon die temperature sensor
 2 Deserial Serial Peripheral Interface (DSPI)
modules (compatible with Microsecond Bus)
 2 enhanced Serial Communication Interface
(eSCI) modules compatible with LIN
 2 Controller Area Network (FlexCAN) modules
that support CAN 2.0B
 Nexus Port Controller (NPC) per IEEE-ISTO
5001-2003 standard
 IEEE 1149.1 (JTAG) support
 Nexus interface
 On-chip voltage regulator controller that
provides 1.2 V and 3.3 V internal supplies from
a 5 V external source.
 Designed for LQFP144, and LQFP176
a.
The external bus interface is only accessible when
using the calibration tool. It is not available on
production packages.
144 LQFP
20 mm x 20 mm
176 LQFP
24 mm x 24 mm
Table 1. Device summary
Memory Flash size
Part number
Package: LQFP144
Package: LQFP176
1536 Kbyte
SPC563M64L5
SPC563M64L7
1024 Kbyte
SPC563M60L5
SPC563M60L7
www.st.com


Similar Part No. - SPC563M64X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC563M64CAL144 STMICROELECTRONICS-SPC563M64CAL144 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
SPC563M64CAL176 STMICROELECTRONICS-SPC563M64CAL176 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
More results

Similar Description - SPC563M64X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com